Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6TW-4807D-RZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM6TW-4807D-RZ
Description  6 Watt | DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM6TW-4807D-RZ Datasheet(HTML) 1 Page - AIMTEC

  AM6TW-4807D-RZ Datasheet HTML 1Page - AIMTEC AM6TW-4807D-RZ Datasheet HTML 2Page - AIMTEC AM6TW-4807D-RZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM6TW-RZ
6 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.E
1 of 3
North America only
FEATURES:
•
RoHS compliant
•
Operating temperature -40 to + 85oC
•
24 Pin DIP Package
•
Input / Output Isolation 1500VDC
•
Wide 4:1 input range
•
Pin compatible with multiple manufacturers
•
High efficiency up to 85%
•
Continuous short circuit protection
Models
Single output
Model
Input
Voltage (V)
Output
Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Max
Capacitive
Load(uF)
Efficiency
(%)
AM6TW-2403S-RZ
9-36
3.3
1400
1500
1000
75
AM6TW-2405S-RZ
9-36
5
1200
1500
1000
81
AM6TW-2407S-RZ
9-36
7.2
830
1500
470
82
AM6TW-2409S-RZ
9-36
9
660
1500
220
82
AM6TW-2412S-RZ
9-36
12
500
1500
1000
83
AM6TW-2415S-RZ
9-36
15
400
1500
470
83
AM6TW-2418S-RZ
9-36
18
330
1500
47
83
AM6TW-2424S-RZ
9-36
24
250
1500
47
82
AM6TW-4803S-RZ
18-72
3.3
1400
1500
1000
75
AM6TW-4805S-RZ
18-72
5
1200
1500
1000
81
AM6TW-4807S-RZ
18-72
7.2
830
1500
470
82
AM6TW-4809S-RZ
18-72
9
660
1500
220
82
AM6TW-4812S-RZ
18-72
12
500
1500
1000
82
AM6TW-4815S-RZ
18-72
15
400
1500
100
85
AM6TW-4818S-RZ
18-72
18
330
1500
10
83
AM6TW-4824S-RZ
18-72
24
250
1500
22
83
Models
Dual output
Model
Input
Voltage (V)
Output
Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Max
Capacitive
Load(uF)
Efficiency
(%)
AM6TW-2403D-RZ
9-36
±3.3
±700
1500
±470
80
AM6TW-2405D-RZ
9-36
±5
±600
1500
±680
82
AM6TW-2407D-RZ
9-36
±7.2
±410
1500
±220
82
AM6TW-2409D-RZ
9-36
±9
±330
1500
±100
82
AM6TW-2412D-RZ
9-36
±12
±250
1500
±330
84
AM6TW-2415D-RZ
9-36
±15
±200
1500
±100
80
AM6TW-2418D-RZ
9-36
±18
±165
1500
±10
80
AM6TW-2424D-RZ
9-36
±24
±125
1500
±22
81
AM6TW-4803D-RZ
18-72
±3.3
±700
1500
±330
79
AM6TW-4805D-RZ
18-72
±5
±600
1500
±470
82
AM6TW-4807D-RZ
18-72
±7.2
±410
1500
±220
81
AM6TW-4809D-RZ
18-72
±9
±330
1500
±100
81
AM6TW-4812D-RZ
18-72
±12
±250
1500
±100
83
AM6TW-4815D-RZ
18-72
±15
±200
1500
±47
81
AM6TW-4818D-RZ
18-72
±18
±165
1500
±22
81
AM6TW-4824D-RZ
18-72
±24
±125
1500
±22
81
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
24
9-36
VDC
48
18-72
Filter
π
(Pi) Network
Turn on Transient process time
350
ms


Similar Part No. - AM6TW-4807D-RZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6TW-4807D-RZ AIMTEC-AM6TW-4807D-RZ Datasheet
258Kb / 3P
6 Watt | DC-DC Converter
More results

Similar Description - AM6TW-4807D-RZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6Q-Z AIMTEC-AM6Q-Z Datasheet
261Kb / 3P
6 Watt | DC-DC Converter
AM6TW-RVZ AIMTEC-AM6TW-RVZ Datasheet
403Kb / 3P
6 Watt | DC-DC Converter
AM6TW-VZ AIMTEC-AM6TW-VZ Datasheet
400Kb / 3P
6 Watt | DC-DC Converter
AM6TW-Z AIMTEC-AM6TW-Z Datasheet
490Kb / 5P
6 Watt | DC-DC Converter
AM6Q-Z AIMTEC-AM6Q-Z_13 Datasheet
270Kb / 3P
6 Watt | DC-DC Converter
AM6TW-Z AIMTEC-AM6TW-Z_13 Datasheet
288Kb / 5P
6 Watt | DC-DC Converter
AM6CW-FZ AIMTEC-AM6CW-FZ_16 Datasheet
110Kb / 2P
6 Watt | DC-DC Converter
AM6GH-Z AIMTEC-AM6GH-Z_16 Datasheet
212Kb / 5P
6 Watt | DC-DC Converter
AM6TI-Z AIMTEC-AM6TI-Z_16 Datasheet
378Kb / 4P
6 Watt | DC-DC Converter
AM6TW-RZ AIMTEC-AM6TW-RZ_16 Datasheet
258Kb / 3P
6 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com