Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD565 Datasheet(PDF) 1 Page - Analog Devices

Part # AD565
Description  High Speed 12-Bit Monolithic D/A Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD565 Datasheet(HTML) 1 Page - Analog Devices

  AD565 Datasheet HTML 1Page - Analog Devices AD565 Datasheet HTML 2Page - Analog Devices AD565 Datasheet HTML 3Page - Analog Devices AD565 Datasheet HTML 4Page - Analog Devices AD565 Datasheet HTML 5Page - Analog Devices AD565 Datasheet HTML 6Page - Analog Devices AD565 Datasheet HTML 7Page - Analog Devices AD565 Datasheet HTML 8Page - Analog Devices AD565 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FUNCTIONAL BLOCK DIAGRAMS
19.95k
20k
0.5mA
IREF
DAC
IOUT =
4
IREF
CODE
AD565A
9.95k
5k
8k
IO
20V SPAN
10V SPAN
DAC OUT
POWER
GND
–VEE
REF
GND
BIPOLAR OFF
5k
CODE INPUT
LSB
MSB
10V
VCC
REF OUT
REF
IN
19.95k
20k
0.5mA
IREF
DAC
IOUT =
4
IREF
CODE
AD566A
9.95k
5k
8k
IO
20V SPAN
10V SPAN
DAC OUT
POWER
GND
–VEE
REF
GND
BIPOLAR OFF
5k
CODE INPUT
LSB
MSB
REF
IN
REV. D
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
High Speed 12-Bit
Monolithic D/A Converters
AD565A*/AD566A*
FEATURES
Single Chip Construction
Very High-Speed Settling to 1/2 LSB
AD565A: 250 ns max
AD566A: 350 ns max
Full-Scale Switching Time: 30 ns
Guaranteed for Operation with
12 V Supplies:
AD565A with –12 V Supply: AD566A
Linearity Guaranteed Over Temperature:
1/2 LSB max (K, T Grades)
Monotonicity Guaranteed Over Temperature
Low Power: AD566A = 180 mW max;
AD565A = 225 mW max
Use with On-Board High-Stability Reference (AD565A)
or with External Reference (AD566A)
Low Cost
MlL-STD-883-Compliant Versions Available
PRODUCT DESCRIPTION
The AD565A and AD566A are fast 12-bit digital-to-analog
converters that incorporate the latest advances in analog circuit
design to achieve high speeds at low cost.
The AD565A and AD566A use 12 precision, high-speed bipolar
current-steering switches, control amplifier and a laser-trimmed
thin-film resistor network to produce a very fast, high accuracy
analog output current. The AD565A also includes a buried
Zener reference that features low-noise, long-term stability and
temperature drift characteristics comparable to the best discrete
reference diodes.
The combination of performance and flexibility in the AD565A
and AD566A has resulted from major innovations in circuit
design, an important new high-speed bipolar process, and con-
tinuing advances in laser-wafer-trimming techniques (LWT).
The AD565A and AD566A have a 10–90% full-scale transition
time less than 35 ns and settle to within
±1/2 LSB in 250 ns
max (350 ns for AD566A). Both are laser-trimmed at the wafer
level to
±1/8 LSB typical linearity and are specified to ±1/4 LSB
max error (K and T grades) at +25
°C. High speed and accuracy
make the AD565A and AD566A the ideal choice for high-speed
display drivers as well as fast analog-to-digital converters.
The laser trimming process which provides the excellent linear-
ity is also used to trim both the absolute value and the tempera-
ture coefficient of the reference of the AD565A resulting in a
typical full-scale gain TC of 10 ppm/
°C. When tighter TC per-
formance is required or when a system reference is available, the
AD566A may be used with an external reference.
*Covered by Patent Nos.: 3,803,590; RE 28,633; 4,213,806; 4,136,349;
4,020,486; 3,747,088.
AD565A and AD566A are available in four performance
grades. The J and K are specified for use over the 0
°C to +70°C
temperature range while the S and T grades are specified for the
–55
°C to +125°C range. The D grades are all packaged in a
24-lead, hermetically sealed, ceramic, dual-in-line package. The
JR grade is packaged in a 28-lead plastic SOIC.
PRODUCT HIGHLIGHTS
1. The wide output compliance range of the AD565A and
AD566A are ideally suited for fast, low noise, accurate volt-
age output configurations without an output amplifier.
2. The devices incorporate a newly developed, fully differential,
nonsaturating precision current switching cell structure
which combines the dc accuracy and stability first developed
in the AD562/3 with very fast switching times and an
optimally-damped settling characteristic.
3. The devices also contain SiCr thin film application resistors
which can be used with an external op amp to provide a
precision voltage output or as input resistors for a successive
approximation A/D converter. The resistors are matched to
the internal ladder network to guarantee a low gain tempera-
ture coefficient and are laser-trimmed for minimum
full-scale and bipolar offset errors.
4. The AD565A and AD566A are available in versions compli-
ant with MIL-STD-883. Refer to the Analog Devices Mili-
tary Products Databook or current /883B data sheet for
detailed specifications.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000


Similar Part No. - AD565

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD565 AD-AD565 Datasheet
1,010Kb / 3P
COMPLETE HIGH SPEED 12 BIT MONOLITHIC D/A CONVERTER
AD565A AD-AD565A Datasheet
244Kb / 13P
High Speed 12-Bit Monolithic D/A Converters
23-Feb-2017
AD565AJD AD-AD565AJD Datasheet
244Kb / 13P
High Speed 12-Bit Monolithic D/A Converters
23-Feb-2017
AD565AJR AD-AD565AJR Datasheet
244Kb / 13P
High Speed 12-Bit Monolithic D/A Converters
23-Feb-2017
AD565AJRZ AD-AD565AJRZ Datasheet
244Kb / 13P
High Speed 12-Bit Monolithic D/A Converters
23-Feb-2017
More results

Similar Description - AD565

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD568 AD-AD568 Datasheet
541Kb / 14P
12-Bit Ultrahigh Speed Monolithic D/A Converter
logo
Intersil Corporation
HI-DAC80V INTERSIL-HI-DAC80V Datasheet
68Kb / 7P
12-Bit, Low Cost, Monolithic D/A Converters
August 1997
logo
Maxim Integrated Produc...
MX565A MAXIM-MX565A Datasheet
341Kb / 8P
High Speed 12-Bit Monolithic D/A Converters
logo
Integrated Circuit Syst...
ADC84 ICST-ADC84 Datasheet
922Kb / 6P
High-speed, 12-bit A/D Converters
logo
API Technologies Corp
ADC84 APITECH-ADC84 Datasheet
927Kb / 6P
High-speed, 12-bit A/D Converters
logo
Analog Devices
AD565 AD-AD565_15 Datasheet
1,010Kb / 3P
COMPLETE HIGH SPEED 12 BIT MONOLITHIC D/A CONVERTER
AD565A AD-AD565A_15 Datasheet
182Kb / 12P
High Speed 12-Bit Monolithic D/A Converters
REV. E
AD566A AD-AD566A_15 Datasheet
182Kb / 12P
High Speed 12-Bit Monolithic D/A Converters
REV. E
AD568 AD-AD568_15 Datasheet
544Kb / 14P
12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD565A AD-AD565A_17 Datasheet
244Kb / 13P
High Speed 12-Bit Monolithic D/A Converters
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com