Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31-5849-RFX Datasheet(PDF) 1 Page - Amphenol Corporation

Part # 31-5849-RFX
Description  BNC/TNC for Belden, LMR Cable TNC Straight Plug & Right Angle
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-5849-RFX Datasheet(HTML) 1 Page - Amphenol Corporation

  31-5849-RFX Datasheet HTML 1Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BNC/TNC for Belden, LMR Cable
Amphenol
®
TNC Straight Plug & Right Angle
138
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
Fig. 1
Fig. 5
Fig. 6
Fig. 4
Fig. 2
Fig. 3
Straight Plug
31-2367-RFX
Straight Plug
31-6000-RFX
Straight Plug
31-6001-RFX
Right Angle
31-5849-RFX
Right Angle
31-6003-RFX
Right Angle
31-6002-RFX
Style
Times
Belden
Amphenol
Cable
Cable
a
b
c
d
CAI
Part Number
Fig
Straight Plug
LMR200
RG 58
1.17(29.8)
.571(14.5)
.210
—
C36
31-2367-RFX
1
Straight Plug
LMR240
9258
.984(25.0)
.571(14.5)
.220(5.6)
—
C36
31-6000-RFX
2
Straight Plug
LMR400
9913,9914
1.67(42.4)
.571(14.5)
.49(12.4)
—
C36
31-6001-RFX
3
Right Angle
LMR200
RG 58
—
—
—
—
C36
31-5849-RFX
4
Right Angle
LMR240
9258
1.10
.57
.220
.86
C36
31-6003-RFX
5
Right Angle
LMR400
9913, 9914
1.10
.57
.37
.86
C36
31-6002-RFX
6
TNC PLUG - Straight & Right Angle
a
a
a
a
a
b
b
b
b
b
d
d
c
c
c
c
c


Similar Part No. - 31-5849-RFX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
31-5800 AMPHENOL-31-5800 Datasheet
53Kb / 1P
BNC 50 ohm Cable Plugs
31-5800 AMPHENOL-31-5800 Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
31-5800 AMPHENOL-31-5800 Datasheet
53Kb / 1P
Cable Plugs
More results

Similar Description - 31-5849-RFX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
031-5999-RFX AMPHENOL-031-5999-RFX Datasheet
242Kb / 1P
BNC/TNC for Belden, LMR Cable BNC Straight Plug & Right Angle
031-6004-RFX AMPHENOL-031-6004-RFX Datasheet
242Kb / 1P
BNC/TNC for Belden, LMR Cable BNC Straight Plug & Right Angle
31-6499 AMPHENOL-31-6499 Datasheet
140Kb / 1P
STR IP-67 TNC,PLUG FOR LMR-200 CABLE
31-6502 AMPHENOL-31-6502 Datasheet
148Kb / 1P
TNC RP STR PLUG IP67 FOR LMR-200 CABLE
031-6002-RFX AMPHENOL-031-6002-RFX Datasheet
238Kb / 1P
TNC Straight Plug & Right Angle
logo
List of Unclassifed Man...
CTR002 ETC2-CTR002 Datasheet
237Kb / 1P
TNC RIGHT ANGLE PLUG FOR ECS CABLE 310701
CTR022 ETC2-CTR022 Datasheet
139Kb / 1P
TNC RIGHT ANGLE PLUG FOR ECS CABLE 310801
CTR122 ETC2-CTR122 Datasheet
146Kb / 1P
TNC RIGHT ANGLE PLUG FOR ECS CABLE 311201
CTR3522 ETC2-CTR3522 Datasheet
138Kb / 1P
RIGHT ANGLE TNC PLUG FOR ECS CABLE 352001
logo
Pasternack Enterprises,...
PE3C0058 PASTERNACK-PE3C0058 Datasheet
337Kb / 3P
TNC Male to TNC Male Right Angle Cable Using LMR-195 Coax
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com