Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31-6005-RFX Datasheet(PDF) 1 Page - Amphenol Corporation

Part # 31-6005-RFX
Description  BNC/TNC for Belden, LMR Cable BNC Straight Plug & Right Angle
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-6005-RFX Datasheet(HTML) 1 Page - Amphenol Corporation

  31-6005-RFX Datasheet HTML 1Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BNC/TNC for Belden, LMR Cable
Amphenol
®
BNC Straight Plug & Right Angle
137
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
Fig. 1
Fig. 5
Fig. 6
Fig. 4
Fig. 2
Fig. 3
Straight Plug
31-6006
Straight Plug
31-5999-RFX
Straight Plug
31-5998-RFX
Right Angle
31-335-RFX
Right Angle
31-6005-RFX
Right Angle
31-6004-RFX
Style
Amphenol
Times
Belden
Amphenol
Cable
Cable
Cable
a
b
c
d
CAI
Part Number
Fig
Straight Plug
-
LMR200
RG 58
1.121
.563
.261
—
C36
31-6006
1
Straight Plug
TWB2401
LMR240
9258
1.039(26.4)
.563(14.3) .303(7.7)
—
C36
31-5999-RFX
2
Straight Plug
TWB4001
LMR400
9913,9914
1.36(34.5)
.571(14.5) .366(9.3)
—
C36
31-5998-RFX
3
Right Angle
-
LMR200
RG 58
1.07(21.3)
.571(14.5)
.210
.160(40.7)
C36
31-335-RFX
4
Right Angle
TWB2401
LMR240
9258
1.02(26)
.57(14.3)
.22(.56)
.86(21.9)
C36
31-6005-RFX
5
Right Angle
TWB4001
LMR400
9913, 9914
1.02(26)
.57(14.3)
.37(9.3)
.86(21.9)
C36
31-6004-RFX
6
BNC PLUG - Straight & Right Angle
a
b
c
a
a
b
b
c
c
a
a
a
b
b
b
d
d
d
c
c
c


Similar Part No. - 31-6005-RFX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
31-6005-RFX AMPHENOL-31-6005-RFX Datasheet
242Kb / 1P
BNC/TNC for Belden, LMR Cable BNC Straight Plug & Right Angle
More results

Similar Description - 31-6005-RFX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
34-1025 AMPHENOL-34-1025 Datasheet
180Kb / 1P
HD-BNC STR PLUG FOR BELDEN 1505A CABLE
34-1026 AMPHENOL-34-1026 Datasheet
182Kb / 1P
HD-BNC STR PLUG FOR BELDEN 1855A CABLE
031-5998-RFX AMPHENOL-031-5998-RFX Datasheet
79Kb / 1P
BNC CRIMP PLUG (FOR BELDEN 8214,9913,9914)
031-5999-RFX AMPHENOL-031-5999-RFX Datasheet
242Kb / 1P
BNC/TNC for Belden, LMR Cable BNC Straight Plug & Right Angle
031-6001-RFX AMPHENOL-031-6001-RFX Datasheet
238Kb / 1P
BNC/TNC for Belden, LMR Cable TNC Straight Plug & Right Angle
031-71000-RFX AMPHENOL-031-71000-RFX Datasheet
59Kb / 1P
BNC CRMP PLUG FOR BELDEN 9248, RG6 CABLE, 75 OHM
C031-70260 AMPHENOL-C031-70260 Datasheet
128Kb / 1P
MINI BNC CRIMP PLUG BELDEN 8218 CABLE
logo
List of Unclassifed Man...
CBR3522 ETC2-CBR3522 Datasheet
71Kb / 1P
BNC RIGHT ANGLE PLUG FOR ECS CABLE 352001
CBS3522 ETC2-CBS3522 Datasheet
136Kb / 1P
BNC STRAIGHT PLUG BNC STRAIGHT PLUG FOR ECS CABLE 352001
logo
Molex Electronics Ltd.
0731716840 MOLEX-0731716840 Datasheet
50Kb / 1P
75 Ohms, BNC Plug, Straight, 12 GHz, for Belden 4794R Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com