Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31-5136-RFX Datasheet(PDF) 1 Page - Amphenol Corporation

Part # 31-5136-RFX
Description  BNC 50 ohm Bulkhead Plugs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-5136-RFX Datasheet(HTML) 1 Page - Amphenol Corporation

  31-5136-RFX Datasheet HTML 1Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BNC 50 ohm
Amphenol
®
Bulkhead Plugs
110
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
Fig. 1
31-30220-1
31-30220-8
31-4541
31-4541-RFX
31-4542
50
Ω BNC QUICKTRIM® Plugs
Fig. 2
Fig. 3
BNC SURETWIST® Plugs
31-5136
31-5136-RFX
31-5137
31-5137-RFX
BNC FCP Plugs
31-4700
31-4702
• accommodates cable diameter
* recognized under the component program of U.L., Inc.
v distributor stocked s includes outer ferrule
b
c•
a
b
c•
a
b
c•
a s
BNC CABLE PLUGS
Cable
Cable Attachment
Dimensions, inches (millimeters)
Notes
Military
Amphenol
Fig.
RG-/U
Outer
Inner
a s
b
c •
CAI
Plt.
Ins.
Number
Number
58 B/U
SURETWIST®
1.47(37.3)
.562(14.3)
.181(4.6)
C28
P5
D15
—
31-5137
2
SURETWIST®
1.48(37.6)
.571(14.5)
.185(4.7)
C28
P7
D23
—
31-5137-RFX
2
58
FCP
Pliers
1.06(27.0)
.563(14.3)
.206(5.23)
C30
P1
D1
—
31-4700*
3
QUICKTRIM®
1.06(27.0)
.563(14.3)
.207(5.3)
C29
P1
D1
—
31-30220-1
1
59
QUICKTRIM®
1.03(26.2)
.562(14.3)
.252(6.2)
C29
P1
D1
(IBM 1836444)
31-4541
1
QUICKTRIM®
1.03(26.2)
.562(14.3)
.252(6.2)
C29
P7
D23
—
31-4541-RFX
1
SURETWIST®
1.47(37.3)
.562(14.3)
.242(6.1)
C28
P5
D15
—
31-5136
2
SURETWIST®
1.48(37.6)
.571(14.5)
.242(6.1)
C28
P7
D23
—
31-5136-RFX
2
FCP
Pliers
1.06(27.0)
.563(14.3)
.259(6.56)
C30
P1
D1
—
31-4702*
3
223
QUICKTRIM®
1.06(27.0)
.563(14.3)
.225(5.7)
C29
P1
D1
—
31-30220-8
1
Belden 9268
QUICKTRIM®
1.06(27.0)
.563(14.3)
.275(6.99)
C29
P1
D1
(IBM 1836447)
31-4542
1
v
v
v
v
v
v
v
v


Similar Part No. - 31-5136-RFX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
31-5136-RFX AMPHENOL-31-5136-RFX Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
More results

Similar Description - 31-5136-RFX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
000-16300 AMPHENOL-000-16300 Datasheet
53Kb / 1P
BNC 50 ohm Cable Plugs
031-3376 AMPHENOL-031-3376 Datasheet
533Kb / 1P
BNC 50 ohm Bulkhead Receptacles
031-4237 AMPHENOL-031-4237 Datasheet
533Kb / 1P
BNC 50 ohm Bulkhead Receptacles
031-4803-RFX AMPHENOL-031-4803-RFX Datasheet
32Kb / 1P
BNC 50 ohm Bulkhead Adapters
031-5911-RFX AMPHENOL-031-5911-RFX Datasheet
95Kb / 1P
BNC 50 ohm Angle Cable Plugs
031-70008 AMPHENOL-031-70008 Datasheet
44Kb / 1P
BNC 75 ohm Plugs
UG492D-U AMPHENOL-UG492D-U Datasheet
168Kb / 1P
BNC 50 ohm Bulkhead Adapters
logo
Tyco Electronics
1-1337447-0 MACOM-1-1337447-0 Datasheet
81Kb / 1P
BNC INSULATED BULKHEAD SOCKET FRONT MOUNT 50 OHM
logo
Pasternack Enterprises,...
PE91324 PASTERNACK-PE91324 Datasheet
333Kb / 3P
50 Ohm BNC Female to 75 Ohm F Female Bulkhead Adapter
logo
Molex Electronics Ltd.
SD-73138-5033 MOLEX-SD-73138-5033 Datasheet
195Kb / 2P
BNC JACK RA BULKHEAD DIECAST 50 OHM BNC-J/PCB
1991/02/26
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com