Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMLDP-Z Datasheet(PDF) 13 Page - AIMTEC

Part # AMLDP-Z
Description  Up to 1000mA | LED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLDP-Z Datasheet(HTML) 13 Page - AIMTEC

Back Button AMLDP-Z Datasheet HTML 9Page - AIMTEC AMLDP-Z Datasheet HTML 10Page - AIMTEC AMLDP-Z Datasheet HTML 11Page - AIMTEC AMLDP-Z Datasheet HTML 12Page - AIMTEC AMLDP-Z Datasheet HTML 13Page - AIMTEC AMLDP-Z Datasheet HTML 14Page - AIMTEC AMLDP-Z Datasheet HTML 15Page - AIMTEC AMLDP-Z Datasheet HTML 16Page - AIMTEC AMLDP-Z Datasheet HTML 17Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Series AMLDP-Z
Up to 1000mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
13 of 18
North America only
Typical Characteristics:
AMLDP-1660Z
Operating Frequency vs Input Voltage
Vf=2V
Vf=3V
Vf=4V
Vf=5V Vf=6V Vf=7V Vf=8V Vf=9V Vf=10V Vf=11V Vf=12V Vf=13V
X Vf=14V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com