Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD606 Datasheet(PDF) 3 Page - Analog Devices

Part # AD606
Description  50 MHz, 80 dB Demodulating Logarithmic Amplifier with Limiter Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD606 Datasheet(HTML) 3 Page - Analog Devices

  AD606 Datasheet HTML 1Page - Analog Devices AD606 Datasheet HTML 2Page - Analog Devices AD606 Datasheet HTML 3Page - Analog Devices AD606 Datasheet HTML 4Page - Analog Devices AD606 Datasheet HTML 5Page - Analog Devices AD606 Datasheet HTML 6Page - Analog Devices AD606 Datasheet HTML 7Page - Analog Devices AD606 Datasheet HTML 8Page - Analog Devices AD606 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD606
REV. B
–3–
ORDERING GUIDE
Temperature Package
Package
Model
Range
Description
Option
AD606JN
0
°C to +70°C 16-Lead Plastic DIP N-16
AD606JR
0
°C to +70°C 16-Lead Narrow-Body R-16A
SOIC
AD606JR-REEL
0
°C to +70°C 13" Tape and Reel
R-16A
AD606JR-REEL7 0
°C to +70°C 7" Tape and Reel
R-16A
AD606-EB
Evaluation Board
AD606JCHIPS
0
°C to +70°C Die
PIN DESCRIPTION
Plastic DIP (N)
and
Small Outline (R)
Packages
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
INLO
INHI
AD606
COMM
COMM
ISUM
PRUP
ILOG
VPOS
BFIN
FIL1
VLOG
FIL2
OPCM
LADJ
LMLO
LMHI
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage VPOS . . . . . . . . . . . . . . . . . . . . . . . . . . . . +9 V
Internal Power Dissipation
2
. . . . . . . . . . . . . . . . . . . 600 mW
Operating Temperature Range . . . . . . . . . . . . . 0
°C to +70°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . +300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air:
16-Lead Plastic DIP Package:
θ
JA = 85°C/W
16-Lead SOIC Package:
θ
JA = 100°C/W
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD606 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
PIN FUNCTION DESCRIPTIONS
Pin Mnemonic Function
1
INLO
DIFFERENTIAL RF INPUT
–75 dBm to +5 dBm, Inverting, AC Coupled.
2
COMM
POWER SUPPLY COMMON
Connect to Ground.
3
ISUM
LOG DETECTOR SUMMING NODE
4
ILOG
LOG CURRENT OUTPUT
Normally No Connection; 2
µA/dB Output
Current.
5
BFIN
BUFFER INPUT
Optionally Used to Realize Low Frequency
Post-Demodulation Filters.
6
VLOG
BUFFERED LOG OUTPUT
37.5 mV/dB (100 mV to 4.5 V).
7
OPCM
OUTPUT COMMON
Connect to Ground.
8
LMLO
DIFFERENTIAL LIMITER OUTPUT
1.2 mA Full-Scale Output Current. Open
Collector Output Must Be “Pulled” Up to
VPOS with R
≤ 400 Ω.
9
LMHI
DIFFERENTIAL LIMITER OUTPUT
1.2 mA Full-Scale Output Current. Open
Collector Output Must Be “Pulled” Up to
VPOS with R
≤ 400 Ω.
10
LADJ
LIMITER LEVEL ADJUSTMENT
Optionally Used to Adjust Limiter Output
Current.
11
FIL1
OFFSET LOOP LOW-PASS FILTER
Normally No Connection; a Capacitor Between
FIL1 and FIL2 May Be Added to Lower the
Filter Cutoff Frequency.
12
FIL2
OFFSET LOOP LOW-PASS FILTER
Normally No Connection; See Above.
13
VPOS
POSITIVE SUPPLY
Connect to +5 V at 13 mA.
14
PRUP
POWER UP
CMOS (5 V) Logical High = Device On
(
≈ 65 mW).
CMOS (0 V) Logical Low = Device Off
(
≈ 325 µW).
15
COMM
POWER SUPPLY COMMON
Connect to Ground.
16
INHI
DIFFERENTIAL RF INPUT
–75 dBm to +5 dBm, Noninverting, AC-Coupled.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com