Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD620 Datasheet(PDF) 2 Page - Analog Devices

Part # AD620
Description  Low Cost, Low Power Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD620 Datasheet(HTML) 2 Page - Analog Devices

  AD620 Datasheet HTML 1Page - Analog Devices AD620 Datasheet HTML 2Page - Analog Devices AD620 Datasheet HTML 3Page - Analog Devices AD620 Datasheet HTML 4Page - Analog Devices AD620 Datasheet HTML 5Page - Analog Devices AD620 Datasheet HTML 6Page - Analog Devices AD620 Datasheet HTML 7Page - Analog Devices AD620 Datasheet HTML 8Page - Analog Devices AD620 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD620–SPECIFICATIONS
(Typical @ +25 C, VS =
15 V, and RL = 2 k , unless otherwise noted)
AD620A
AD620B
AD620S
1
Model
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
GAIN
G = 1 + (49.4 k/RG)
Gain Range
1
10,000
1
10,000
1
10,000
Gain Error
2
VOUT = ± 10 V
G = 1
0.03
0.10
0.01
0.02
0.03
0.10
%
G = 10
0.15
0.30
0.10
0.15
0.15
0.30
%
G = 100
0.15
0.30
0.10
0.15
0.15
0.30
%
G = 1000
0.40
0.70
0.35
0.50
0.40
0.70
%
Nonlinearity,
VOUT = –10 V to +10 V,
G = 1–1000
RL = 10 kΩ
10
40
10
40
10
40
ppm
G = 1–100
RL = 2 kΩ
10
95
10
95
10
95
ppm
Gain vs. Temperature
G =1
10
10
10
ppm/
°C
Gain >1
2
–50
–50
–50
ppm/
°C
VOLTAGE OFFSET
(Total RTI Error = VOSI + VOSO/G)
Input Offset, VOSI
VS = ± 5 V to ± 15 V
30
125
15
50
30
125
µV
Over Temperature
VS = ± 5 V to ± 15 V
185
85
225
µV
Average TC
VS = ± 5 V to ± 15 V
0.3
1.0
0.1
0.6
0.3
1.0
µV/°C
Output Offset, VOSO
VS = ± 15 V
400
1000
200
500
400
1000
µV
VS = ± 5 V
1500
750
1500
µV
Over Temperature
VS = ± 5 V to ± 15 V
2000
1000
2000
µV
Average TC
VS = ± 5 V to ± 15 V
5.0
15
2.5
7.0
5.0
15
µV/°C
Offset Referred to the
Input vs.
Supply (PSR)
VS = ± 2.3 V to ± 18 V
G = 1
80
100
80
100
80
100
dB
G = 10
95
120
100
120
95
120
dB
G = 100
110
140
120
140
110
140
dB
G = 1000
110
140
120
140
110
140
dB
INPUT CURRENT
Input Bias Current
0.5
2.0
0.5
1.0
0.5
2
nA
Over Temperature
2.5
1.5
4
nA
Average TC
3.0
3.0
8.0
pA/
°C
Input Offset Current
0.3
1.0
0.3
0.5
0.3
1.0
nA
Over Temperature
1.5
0.75
2.0
nA
Average TC
1.5
1.5
8.0
pA/
°C
INPUT
Input Impedance
Differential
10 210 210 2G
Ω pF
Common-Mode
10 210 210 2G
Ω pF
Input Voltage Range
3
VS = ± 2.3 V to ± 5 V
–VS + 1.9
+VS – 1.2
–VS + 1.9
+VS – 1.2
–VS + 1.9
+VS – 1.2
V
Over Temperature
–VS + 2.1
+VS – 1.3
–VS + 2.1
+VS – 1.3
–VS + 2.1
+VS – 1.3
V
VS = ± 5 V to ± 18 V
–VS + 1.9
+VS – 1.4
–VS + 1.9
+VS – 1.4
–VS + 1.9
+VS – 1.4
V
Over Temperature
–VS + 2.1
+VS – 1.4
–VS + 2.1
+VS – 1.4
–VS + 2.3
+VS – 1.4
V
Common-Mode Rejection
Ratio DC to 60 Hz with
I k
Ω Source Imbalance
VCM = 0 V to ± 10 V
G = 1
7390
8090
7390
dB
G = 10
93
110
100
110
93
110
dB
G = 100
110
130
120
130
110
130
dB
G = 1000
110
130
120
130
110
130
dB
OUTPUT
Output Swing
RL = 10 kΩ,
VS = ± 2.3 V to ± 5 V
–VS + 1.1
+VS – 1.2
–VS + 1.1
+VS – 1.2
–VS + 1.1
+VS – 1.2
V
Over Temperature
–VS + 1.4
+VS – 1.3
–VS + 1.4
+VS – 1.3
–VS + 1.6
+VS – 1.3
V
VS = ± 5 V to ± 18 V
–VS + 1.2
+VS – 1.4
–VS + 1.2
+VS – 1.4
–VS + 1.2
+VS – 1.4
V
Over Temperature
–VS + 1.6
+VS – 1.5
–VS + 1.6
+VS – 1.5
–VS + 2.3
+VS – 1.5
V
Short Current Circuit
± 18
± 18
± 18
mA
REV. E
–2–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com