Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD623 Datasheet(PDF) 11 Page - Analog Devices

Part # AD623
Description  Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD623 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD623 Datasheet HTML 7Page - Analog Devices AD623 Datasheet HTML 8Page - Analog Devices AD623 Datasheet HTML 9Page - Analog Devices AD623 Datasheet HTML 10Page - Analog Devices AD623 Datasheet HTML 11Page - Analog Devices AD623 Datasheet HTML 12Page - Analog Devices AD623 Datasheet HTML 13Page - Analog Devices AD623 Datasheet HTML 14Page - Analog Devices AD623 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD623
–11–
REV. C
Figure 38. Gain Nonlinearity (G = –100, 15 ppm/Div)
V–
0
0.5
1
(V–) +0.5
(V+) –1.5
V+
(V+) –1.5
(V+) –0.5
1.5
OUTPUT CURRENT – mA
2
Figure 39. Output Voltage Swing vs. Output Current
THEORY OF OPERATION
The AD623 is an instrumentation amplifier based on a modified
classic three op amp approach, to assure single or dual supply
operation even at common-mode voltages at the negative supply
rail. Low voltage offsets, input and output, as well as absolute
gain accuracy, and one external resistor to set the gain, make the
AD623 one of the most versatile instrumentation amplifiers in
its class.
The input signal is applied to PNP transistors acting as voltage
buffers and providing a common-mode signal to the input
amplifiers (Figure 40). An absolute value 50 k
Ω resistor in each
of the amplifiers’ feedback assures gain programmability.
The differential output is
VO = 1+
100 kΩ
RG


V C
The differential voltage is then converted to a single-ended
voltage using the output amplifier, which also rejects any common-
mode signal at the output of the input amplifiers.
Since all the amplifiers can swing to either supply rails, as well
as have their common-mode range extended to below the nega-
tive supply rail, the range over which the AD623 can operate is
further enhanced (Figures 19 and 20).
The output voltage at Pin 6 is measured with respect to the
potential at Pin 5. The impedance of the reference pin is 100 k
Ω,
so in applications requiring V/I conversion, a small resistor
between Pins 5 and 6 is all that is needed.
50k
50k
50k
POS SUPPLY
7
INVERTING
2
1
4
50k
50k
50k
8
4
NEG SUPPLY
NON-
INVERTING
3
7
GAIN
OUT
6
REF
5
+
–
+
–
Figure 40. Simplified Schematic
The bandwidth of the AD623 is reduced as the gain is increased,
since all the amplifiers are of voltage feedback type. At unity
gain, it is the output amplifier that limits the bandwidth. There-
fore even at higher gains the AD623 bandwidth does not roll off
as quickly.
APPLICATIONS
Basic Connection
Figure 41 shows the basic connection circuit for the AD623.
The +VS and –VS terminals are connected to the power supply.
The supply can be either bipolar (VS = ± 2.5 V to ± 6 V) or
single supply (–VS = 0 V, +VS = 3.0 V to 12 V). Power supplies
should be capacitively decoupled close to the devices power
pins. For best results, use surface mount 0.1
µF ceramic chip
capacitors and 10
µF electrolytic tantalum capacitors.
The input voltage, which can be either single-ended (tie either
–IN or +IN to ground) or differential is amplified by the pro-
grammed gain. The output signal appears as the voltage difference
between the Output pin and the externally applied voltage on
the REF input. For a ground referenced output, REF should be
grounded.
GAIN SELECTION
The AD623’s gain is resistor programmed by RG, or more pre-
cisely, by whatever impedance appears between Pins 1 and 8.
The AD623 is designed to offer accurate gains using 0.1%–1%
tolerance resistors. Table I shows required values of RG for
various gains. Note that for G = 1, the RG terminals are uncon-
nected (RG =
). For any arbitrary gain, RG can be calculated
by using the formula
RG = 100 kΩ/(G – 1)
REFERENCE TERMINAL
The reference terminal potential defines the zero output voltage
and is especially useful when the load does not share a precise
ground with the rest of the system. It provides a direct means of
injecting a precise offset to the output. The reference terminal is
also useful when bipolar signals are being amplified as it can be
used to provide a virtual ground voltage. The voltage on the
reference terminal can be varied from –VS to +VS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com