Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23LCV512 Datasheet(PDF) 13 Page - Microchip Technology

Part # 23LCV512
Description  512 Kbit SPI Serial SRAM with Battery Backup and SDI Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23LCV512 Datasheet(HTML) 13 Page - Microchip Technology

Back Button 23LCV512 Datasheet HTML 9Page - Microchip Technology 23LCV512 Datasheet HTML 10Page - Microchip Technology 23LCV512 Datasheet HTML 11Page - Microchip Technology 23LCV512 Datasheet HTML 12Page - Microchip Technology 23LCV512 Datasheet HTML 13Page - Microchip Technology 23LCV512 Datasheet HTML 14Page - Microchip Technology 23LCV512 Datasheet HTML 15Page - Microchip Technology 23LCV512 Datasheet HTML 16Page - Microchip Technology 23LCV512 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
 2012 Microchip Technology Inc.
Preliminary
DS25157A-page 13
23LCV512
4.0
DUAL SERIAL MODE
The 23LCV512 also supports SDI (Serial Dual) mode
of operation when used with compatible master
devices. As a convention for SDI mode of operation,
two bits are entered per clock using the SIO0 and SIO1
pins. Bits are clocked MSB first.
4.1
Dual Interface Mode
The 23LCV512 supports SDI (Serial Dual) mode of
operation. To enter SDI mode the EDIO command must
be clocked in (Figure 4-1). It should be noted that if the
MCU resets before the SRAM, the user will need to
determine the serial mode of operation of the SRAM
and reset it accordingly. Byte read and write sequence
in SDI mode is shown in Figure 4-2 and Figure 4-3.
FIGURE 4-1:
ENTER SDI MODE (EDIO) FROM SPI MODE
FIGURE 4-2:
BYTE READ MODE SDI
SCK
0
2
34
56
7
1
SI
High-Impedance
SO
CS
00
0
111
1
1
Note:
Page and Sequential mode are similar in that additional bytes can be clocked out before CS is brought high.
Note:
The first byte read after the address will be a dummy byte.
CS
910 11 12 13 14 15 16 17 18 19
02
3
45
67
1
8
6 420
14 12 10 8
75
3 1
15 13 11 9
16-Bit Address
Instruction
Dummy Byte
64 2 0
75 3 1
Data Out
SCK
SIO0
SIO1
1
0
0
0
00 0 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com