Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP1007R6 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FP1007R6
Description  High Current, High Frequency, Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FP1007R6 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FP1007R6 Datasheet HTML 1Page - List of Unclassifed Manufacturers FP1007R6 Datasheet HTML 2Page - List of Unclassifed Manufacturers FP1007R6 Datasheet HTML 3Page - List of Unclassifed Manufacturers FP1007R6 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0912
BU-SB12795
Page 2 of 4
Data Sheet: 10007
24.0
±0.30
1.75
11.5
1.5 dia
1.5 dia
4.0
2.0
8.1
12.0
7.1
10.60
2
1
A
A
SECTION A-A
Supplied in Tape-and-Reel packaging, 700 parts per 13 inch diameter reel.
The nominal DCR is measured from point "A" to point "B"
Part Marking: Coiltronics Logo, 1007R6, Rxx = Inductance value in µH. (R = Decimal point) wwllyy = Date code R = Revision level
Tolerance are ±0.15mm unless otherwise specified.
Soldering surfaces to be coplanar within 0.1016mm.
PCB tolerance ±0.1mm unless otherwise specified.
Packaging Information - mm
0
10
20
30
40
50
60
0.0
0.4
0.8
1.2
1.6
2.0
Total Loss (W)
Temperature Rise vs. Total Loss
Dimensions - mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com