Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD623ARM Datasheet(PDF) 16 Page - Analog Devices

Part # AD623ARM
Description  Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD623ARM Datasheet(HTML) 16 Page - Analog Devices

Back Button AD623ARM Datasheet HTML 8Page - Analog Devices AD623ARM Datasheet HTML 9Page - Analog Devices AD623ARM Datasheet HTML 10Page - Analog Devices AD623ARM Datasheet HTML 11Page - Analog Devices AD623ARM Datasheet HTML 12Page - Analog Devices AD623ARM Datasheet HTML 13Page - Analog Devices AD623ARM Datasheet HTML 14Page - Analog Devices AD623ARM Datasheet HTML 15Page - Analog Devices AD623ARM Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD623
–16–
REV. C
8-Lead Plastic DIP
(N-8)
8
14
5
0.430 (10.92)
0.348 (8.84)
0.280 (7.11)
0.240 (6.10)
PIN 1
SEATING
PLANE
0.022 (0.558)
0.014 (0.356)
0.060 (1.52)
0.015 (0.38)
0.210 (5.33)
MAX
0.130
(3.30)
MIN
0.070 (1.77)
0.045 (1.15)
0.100
(2.54)
BSC
0.160 (4.06)
0.115 (2.93)
0.325 (8.25)
0.300 (7.62)
0.015 (0.381)
0.008 (0.204)
0.195 (4.95)
0.115 (2.93)
8-Lead SOIC
(SO-8)
0.1968 (5.00)
0.1890 (4.80)
8
5
4
1
0.2440 (6.20)
0.2284 (5.80)
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.0688 (1.75)
0.0532 (1.35)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0500
(1.27)
BSC
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
0
0.0196 (0.50)
0.0099 (0.25)
45
8-Lead
SOIC
(RM-8)
8
5
4
1
0.122 (3.10)
0.114 (2.90)
0.199 (5.05)
0.187 (4.75)
PIN 1
0.0256 (0.65) BSC
0.122 (3.10)
0.114 (2.90)
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.018 (0.46)
0.008 (0.20)
0.043 (1.09)
0.037 (0.94)
0.120 (3.05)
0.112 (2.84)
0.011 (0.28)
0.003 (0.08)
0.028 (0.71)
0.016 (0.41)
33
°
27
°
0.120 (3.05)
0.112 (2.84)
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Table IV. Maximum Attainable Gain and Resulting Output Swing for Different Input Conditions
Supply
Max
Closest 1%
Resulting
Output
VCM
VDIFF
REF Pin
Voltages
Gain
Gain Resistor,
Gain
Swing
0 V
±10 mV
2.5 V
+5 V
118
866
116
±1.2 V
0 V
±100 mV
2.5 V
+5 V
11.8
9.31 k
11.7
±1.1 V
0 V
±10 mV
0 V
±5 V
490
205
488
±4.8 V
0 V
±100 mV
0 V
±5 V
49
2.1 k
48.61
±4.8 V
0 V
±1 V
0 V
±5 V
4.9
26.1 k
4.83
±4.8 V
2.5 V
±10 mV
2.5 V
+5 V
242
422
238
±2.3 V
2.5 V
±100 mV
2.5 V
+5 V
24.2
4.32 k
24.1
±2.4 V
2.5 V
±1 V
2.5 V
+5 V
2.42
71.5 k
2.4
±2.4 V
1.5 V
±10 mV
1.5 V
+3 V
142
715
141
±1.4 V
1.5 V
±100 mV
1.5 V
+3 V
14.2
7.68 k
14
±1.4 V
0 V
±10 mV
1.5 V
+3 V
118
866
116
±1.1 V
0 V
±100 mV
1.5 V
+3 V
11.8
9.31 k
11.74
±1.1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com