Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP1007R6-R15-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FP1007R6-R15-R
Description  High Current, High Frequency, Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FP1007R6-R15-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FP1007R6-R15-R Datasheet HTML 1Page - List of Unclassifed Manufacturers FP1007R6-R15-R Datasheet HTML 2Page - List of Unclassifed Manufacturers FP1007R6-R15-R Datasheet HTML 3Page - List of Unclassifed Manufacturers FP1007R6-R15-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Description
• Halogen free, lead free, RoHS compliant
• 125°C Maximum total temperature operation
• 10.5 x 8.0 x 7.0mm Maximum surface mount package
• Ferrite core material
• Controlled DCR tolerance for sensing circuits
• Inductance Range from 150nH to 470nH
• Current range from 23.5 to 75 Amps
• Frequency range up to 2MHz
High Current, High Frequency, Power Inductors
Flat-Pac™ FP1007R6 Series
0912
BU-SB12795
Page 1 of 4
Data Sheet: 10007
HALOGEN
HF
FREE
Pb
Applications
• Multi-phase regulators
• Voltage Regulator Modules (VRMs)
• Desktop and server VRMs and EVRDs
• Notebook regulators
• Data networking and storage systems
• Graphics cards and battery power systems
• Point-of-Load modules
• DCR Sensing
Environmental Data
• Storage temperature range: -40°C to +125°C
• Operating temperature range: -40°C to +125°C
(ambient + self-temperature rise)
• Solder reflow temperature: J-STD-020D compliant
Packaging
• Supplied in tape-and-reel packaging, 700 parts per
13 inch diameter reel
Product Specifications
Part
OCL1 ±10%
FLL2 Min.
Irms3
Isat14 @25°C
Isat25 @100°C
DCR @20°C
Number7
(nH)
(nH)
(Amps)
(Amps)
(Amps)
(mΩ)
K-Factor6
FP1007R6-R15-R
150
108
75.0
60.0
FP1007R6-R18-R
180
129
60.0
50.0
FP1007R6-R22-R
220
158
50.0
40.0
FP1007R6-R27-R
270
194
61
41.0
33.0
0.29 ± 5%
348.8
FP1007R6-R33-R
330
237
33.0
26.5
FP1007R6-R39-R
390
280
28.0
22.5
FP1007R6-R47-R
470
338
23.5
19.0
1. Open Circuit Inductance (OCL) Test Parameters: 100kHz, 0.10Vrms, 0.0Adc
2. Full Load Inductance (FLL) Test Parameters: 100kHz, 0.1Vrms, Isat1
3. Irms: DC current for an approximate temperature rise of 40°C without core loss.
Derating is necessary for AC currents. PCB layout, trace thickness and width,
air-flow, and proximity of other heat generating components will affect the
temperature rise. It is recommended that the temperature of the part not
exceed 125°C under worst case operating conditions verified in the end
application.
4. Isat1: Peak current for approximately 20% rolloff at +25°C.
5. Isat2: Peak current for approximately 20% rolloff at +100°C.
6. K-factor: Used to determine Bp-p for core loss (see graph).
Bp-p = K * L * ∆I * 10-3. Bp-p:(Gauss), K: (K-factor from table),
L: (Inductance in nH), ∆I (peak-to-peak ripple current in Amps).
7. Part Number Definition: FP1007R6-Rxx-R
FP1007R6 = Product code and size
Rxx= Inductance value in uH, R = decimal point
-R suffix = RoHS compliant


Similar Part No. - FP1007R6-R15-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FP1007R6-R15-R EATON-FP1007R6-R15-R Datasheet
1Mb / 4P
High frequency, high current power inductors
More results

Similar Description - FP1007R6-R15-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FP0404 EATON-FP0404 Datasheet
345Kb / 6P
High frequency, high current power inductors
FP0505R EATON-FP0505R Datasheet
394Kb / 5P
High frequency, high current power inductors
FP1007 EATON-FP1007 Datasheet
531Kb / 5P
High frequency, high current power inductors
FP1008R7 EATON-FP1008R7 Datasheet
423Kb / 6P
High frequency, high current power inductors
FP1107 EATON-FP1107 Datasheet
779Kb / 4P
High frequency, high current power inductors
FP1108L3 EATON-FP1108L3 Datasheet
481Kb / 6P
High frequency, high current power inductors
FP1206 EATON-FP1206 Datasheet
741Kb / 4P
High frequency, high current power inductors
FP1208 EATON-FP1208 Datasheet
540Kb / 4P
High frequency, high current power inductors
FP1308 EATON-FP1308 Datasheet
279Kb / 4P
High frequency, high current power inductors
HCF1007 EATON-HCF1007 Datasheet
2Mb / 4P
High frequency, high current power inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com