Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD630 Datasheet(PDF) 2 Page - Analog Devices

Part # AD630
Description  Balanced Modulator/Demodulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD630 Datasheet(HTML) 2 Page - Analog Devices

  AD630 Datasheet HTML 1Page - Analog Devices AD630 Datasheet HTML 2Page - Analog Devices AD630 Datasheet HTML 3Page - Analog Devices AD630 Datasheet HTML 4Page - Analog Devices AD630 Datasheet HTML 5Page - Analog Devices AD630 Datasheet HTML 6Page - Analog Devices AD630 Datasheet HTML 7Page - Analog Devices AD630 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AD630–SPECIFICATIONS
REV. C
–2–
ORDERING GUIDE
Temperature
Package
Package
Model
Ranges
Descriptions
Options
AD630JN
0
°C to +70°C
Plastic DIP
N-20
AD630KN
0
°C to +70°C
Plastic DIP
N-20
AD630AD
–25
°C to +85°C Side Brazed DIP D-20
AD630BD
–25
°C to +85°C Side Brazed DIP D-20
AD630SD
–55
°C to +125°C Side Brazed DIP D-20
AD630SD/883B
–55
°C to +125°C Side Brazed DIP D-20
5962-8980701RA –55
°C to +125°C Side Brazed DIP D-20
AD630SE/883B
–55
°C to +125°C LCC
E-20A
5962-89807012A –55
°C to +125°C LCC
E-20A
AD630JCHIPS
0
°C to +70°C
Chip
AD630SCHIPS
–55
°C to +125°C Chip
(@ + 25 C and
VS =
15 V unless otherwise noted)
Model
AD630J/A
AD630K/B
AD630S
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
GAIN
Open Loop Gain
90
110
100
120
90
110
dB
±1, ±2 Closed Loop Gain Error
0.1
0.05
0.1
%
Closed Loop Gain Match
0.1
0.05
0.1
%
Closed Loop Gain Drift
2
2
2
ppm/
°C
CHANNEL INPUTS
VIN Operational Limit
1
(–VS + 4 V) to (+VS – 1 V)
(–VS + 4 V) to (+VS – 1 V)
(–VS + 4 V) to (+VS – 1 V)
Volts
Input Offset Voltage
500
100
500
µV
Input Offset Voltage
TMIN to TMAX
800
160
1000
µV
Input Bias Current
100
300
100
300
100
300
nA
Input Offset Current
10
50
10
50
10
50
nA
Channel Separation @ 10 kHz
100
100
100
dB
COMPARATOR
VIN Operational Limit
1
(–VS + 3 V) to (+VS – 1.5 V)
(–VS + 3 V) to (+VS – 1.5 V)
(–VS + 3 V) to (+VS – 1.3 V)
Volts
Switching Window
1.5
1.5
1.5
mV
Switching Window
TMIN to TMAX
2
2.0
2.0
2.5
mV
Input Bias Current
100
300
100
300
100
300
nA
Response Time (–5 mV to +5 mV Step)
200
200
200
ns
Channel Status
ISINK @ VOL = –VS + 0.4 V
3
1.6
1.6
1.6
mA
Pull-Up Voltage
(–VS + 33 V)
(–VS + 33 V)
(–VS + 33 V)
Volts
DYNAMIC PERFORMANCE
Unity Gain Bandwidth
2
2
2
MHz
Slew Rate4
45
45
45
V/
µs
Settling Time to 0.1% (20 V Step)
3
3
3
µs
OPERATING CHARACTERISTICS
Common-Mode Rejection
85
105
90
110
90
110
dB
Power Supply Rejection
90
110
90
110
90
110
dB
Supply Voltage Range
5
±16.5
5
±16.5
5
±16.5
Volts
Supply Current
4
5
4
5
4
5
mA
OUTPUT VOLTAGE, @ RL = 2 k
Ω
TMIN to TMAX
2
10
10
±10
Volts
Output Short Circuit Current
25
25
25
mA
TEMPERATURE RANGES
Rated Performance–N Package
0
+70
0
+70
N/A
°C
Rated Performance–D Package
–25
+85
–25
+85
–55
+125
°C
NOTES
1If one terminal of each differential channel or comparator input is kept within these limits the other terminal may be taken to the positive supply.
2These parameters are guaranteed but not tested for J and K grades. For A, B and S grades they are tested.
3I
SINK @ VOL = (–VS + 1) volt is typically 4 mA.
4Pin 12 Open. Slew rate with Pins 12 and 13 shorted is typically 35 V/
µs.
Specifications subject to change without notice.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min
and max specifications are guaranteed, although only those shown in boldface are tested on all production units.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . . 600 mW
Output Short Circuit to Ground . . . . . . . . . . . . . . . . Indefinite
Storage Temperature, Ceramic Package . . . . –65
°C to +150°C
Storage Temperature, Plastic Package . . . . . . –55
°C to +125°C
Lead Temperature Range (Soldering, 10 sec ) . . . . . . . +300
°C
Max Junction Temperature . . . . . . . . . . . . . . . . . . . . . +150
°C
THERMAL CHARACTERISTICS
θ
JC
θ
JA
20-Pin Plastic DIP (N)
24
°C/W
61
°C/W
20-Pin Ceramic DIP (D)
35
°C/W
120
°C/W
20-Pin Leadless Chip Carrier (E)
35
°C/W
120
°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com