Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD633 Datasheet(PDF) 2 Page - Analog Devices

Part # AD633
Description  Low Cost Analog Multiplier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD633 Datasheet(HTML) 2 Page - Analog Devices

  AD633 Datasheet HTML 1Page - Analog Devices AD633 Datasheet HTML 2Page - Analog Devices AD633 Datasheet HTML 3Page - Analog Devices AD633 Datasheet HTML 4Page - Analog Devices AD633 Datasheet HTML 5Page - Analog Devices AD633 Datasheet HTML 6Page - Analog Devices AD633 Datasheet HTML 7Page - Analog Devices AD633 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. B
–2–
AD633–SPECIFICATIONS (T
A = +25 C, VS =
15 V, RL
≥ 2 k )
Model
AD633J, AD633A
W
XX
Y
Y
V
Z
=
−
(
) −
(
)
+
12
1
2
10
TRANSFER FUNCTION
Parameter
Conditions
Min
Typ
Max
Unit
MULTIPLIER PERFORMANCE
Total Error
–10 V
≤ X, Y ≤ +10 V
±1
2
% Full Scale
TMIN to TMAX
±3
% Full Scale
Scale Voltage Error
SF = 10.00 V Nominal
±0.25%
% Full Scale
Supply Rejection
VS =
±14 V to ±16 V
±0.01
% Full Scale
Nonlinearity, X
X =
±10 V, Y = +10 V
±0.4
1
% Full Scale
Nonlinearity, Y
Y =
±10 V, X = +10 V
±0.1
0.4
% Full Scale
X Feedthrough
Y Nulled, X =
±10 V
±0.3
1
% Full Scale
Y Feedthrough
X Nulled, Y =
±10 V
±0.1
0.4
% Full Scale
Output Offset Voltage
±5
50
mV
DYNAMICS
Small Signal BW
VO = 0.1 V rms
1
MHz
Slew Rate
VO = 20 V p-p
20
V/
µs
Settling Time to 1%
∆ V
O = 20 V
2
µs
OUTPUT NOISE
Spectral Density
0.8
µV/√Hz
Wideband Noise
f = 10 Hz to 5 MHz
1
mV rms
f = 10 Hz to 10 kHz
90
µV rms
OUTPUT
Output Voltage Swing
11
V
Short Circuit Current
RL = 0
Ω
30
40
mA
INPUT AMPLIFIERS
Signal Voltage Range
Differential
10
V
Common Mode
10
V
Offset Voltage X, Y
±5
30
mV
CMRR X, Y
VCM =
±10 V, f = 50 Hz
60
80
dB
Bias Current X, Y, Z
0.8
2.0
µA
Differential Resistance
10
M
Ω
POWER SUPPLY
Supply Voltage
Rated Performance
±15
V
Operating Range
8
18
V
Supply Current
Quiescent
4
6
mA
NOTES
Specifications shown in boldface are tested on all production units at electrical test. Results from those tests are used to calculate outgoing quality levels. All min and
max specifications are guaranteed, although only those shown in boldface are tested on all production units.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
2
. . . . . . . . . . . . . . . . . . . . 500 mW
Input Voltages
3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Output Short Circuit Duration . . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
AD633J . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
AD633A . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . +300
°C
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000 V
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied.
28-Lead Plastic DIP Package:
θ
JA = 90
°C/W; 8-Lead Small Outline Package: θ
JA =
155
°C/W.
3For supply voltages less than
± 18 V, the absolute maximum input voltage is equal
to the supply voltage.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD633AN
–40
°C to +85°C Plastic DIP
N-8
AD633AR
–40
°C to +85°C Plastic SOIC
SO-8
AD633AR-REEL
–40
°C to +85°C 13" Tape and Reel SO-8
AD633AR-REEL7 –40
°C to +85°C 7" Tape and Reel SO-8
AD633JN
0
°C to +70°C
Plastic DIP
N-8
AD633JR
0
°C to +70°C
Plastic SOIC
SO-8
AD633JR-REEL
0
°C to +70°C
13" Tape and Reel SO-8
AD633JR-REEL7
0
°C to +70°C
7" Tape and Reel
SO-8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com