Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEP025DI Datasheet(PDF) 1 Page - Allied Components International

Part # AEP025DI
Description  ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AEP025DI Datasheet(HTML) 1 Page - Allied Components International

  AEP025DI Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
REVISED 4/01/09
Through Hole compact foot print design
Industrial operating temp: -40ºC to +85ºC
EN60950 Basic Insulation compliant 250Vrms
All specifications subject to change without notice.
SCHEMATICS
MECHANICAL
1
4
2
5
10
6
9
7
PRI
SEC
Unless otherwise specified all tolerances are:
0.25 in mm
Units:mm
0.6
13.5max
14.0max
14.0max
3.5
10.16
2.54
0.9
YYWW
SUGGESTED PAD LAYOUT
PIN3 are removed
1
2
4
3
5
6
9
7
8
10
o
Electrical Specifications @25 C
Part
Number
OCL
(10K Hz,0.1V)
DCR
Hi -Po t
VA C
0.7 max
(1m A /2S)
1.6:1
2%
1500
1-4
1-5:10-6(short 2-4,9-7)
1-5(short 2-4)
410uH
5%
10uH max
1-5( short 2-4,6-7-9-10)
L L
(100K Hz,0.1V)
2-5
9-6
10-7
0.7 max
0.4 max
0.35 max
Co n t i n u e
Cw w
(100K Hz,0.1V)
1-10( short 2-4, 9-7)
25pF max
THD
30K Hz,4.5V
-80dB max
L B
30K Hz~1MHz
50dB min
Tu r n s Rat i o
(10K Hz,0.1V)
AEP025DI
ALLIED
AEP025DI


Similar Part No. - AEP025DI

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AEP025SI ALLIED-AEP025SI Datasheet
380Kb / 1P
ADSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
More results

Similar Description - AEP025DI

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AEP016DI ALLIED-AEP016DI Datasheet
351Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP026DI ALLIED-AEP026DI Datasheet
353Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP028DI ALLIED-AEP028DI Datasheet
436Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP034DI ALLIED-AEP034DI Datasheet
403Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP081DI ALLIED-AEP081DI Datasheet
445Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP109DI ALLIED-AEP109DI Datasheet
481Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP132DI ALLIED-AEP132DI Datasheet
385Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP162DI ALLIED-AEP162DI Datasheet
367Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
logo
Dongguan Xinkang Electr...
TDA002 TNK-TDA002 Datasheet
143Kb / 1P
ADSL Line Transformer Through Hole Magnetics
TDA082 TNK-TDA082 Datasheet
117Kb / 1P
ADSL Line Transformer Through Hole Magnetics
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com