Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P7635 Datasheet(PDF) 2 Page - ETAL Group

Part # P7635
Description  SMD POWER CHOKE COIL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7635 Datasheet(HTML) 2 Page - ETAL Group

  P7635 Datasheet HTML 1Page - ETAL Group P7635 Datasheet HTML 2Page - ETAL Group P7635 Datasheet HTML 3Page - ETAL Group P7635 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PRODUCT DATA SHEET
P7635
SPECIFICATIONS
NOTES:
a) Operating temp. : -40°C to +125°C
b) Irms (A) : Will cause coil temp. to rise approximately
∆T=40°C without core loss.
c) Isat (A) : Will cause L0 to drop approximately 20%
d) Part temperature (ambient + temp. rise) : Should not exceed 125°C under worst case operating conditions.
ELECTRICAL
Part No.
Inductance L0
( uH )
Test Freq.
(
Hz )
DCR
( m )
± 9.4%
Irms ( A )
Max.
Isat ( A )
Max.
P7635-0705-72N-R32
0.072 ± 20%
0.25V/1M
0.32
31
58
P7635-0705-R10-R32
0.105 ± 20%
0.25V/1M
0.32
31
46
P7635-0705-R15-R32
0.150 ± 20%
0.25V/1M
0.32
24
30
P7635-0705-R72-R46
0.072 ± 20%
0.25V/1M
0.46
31
58
P7635-0705-R10-R46
0.105 ± 20%
0.25V/1M
0.46
31
46
P7635-0705-R15-R46
0.150 ± 20%
0.25V/1M
0.46
24
30
Characteristic Curves
P7635-0705-72N-R32
P7635-0705-R10-R32
P7635-0705-R15-R32
P7635-0705-72N-R46
P7635-0705-R10-R46
P7635-0705-R15-R46
ETALDOC 1021/1
2 of 4
20/03/2012



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com