Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD883B Datasheet(PDF) 3 Page - Analog Devices

Part # AD883B
Description  Programmable Gain Instrumentation Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD883B Datasheet(HTML) 3 Page - Analog Devices

  AD883B Datasheet HTML 1Page - Analog Devices AD883B Datasheet HTML 2Page - Analog Devices AD883B Datasheet HTML 3Page - Analog Devices AD883B Datasheet HTML 4Page - Analog Devices AD883B Datasheet HTML 5Page - Analog Devices AD883B Datasheet HTML 6Page - Analog Devices AD883B Datasheet HTML 7Page - Analog Devices AD883B Datasheet HTML 8Page - Analog Devices AD883B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AD625
AD625A/J/S
AD625B/K
AD625C
Model
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
NOISE
Voltage Noise, 1 kHz
R.T.I.
4
4
4
nV/
√Hz
R.T.O.
75
75
75
nV/
√Hz
R.T.I., 0.1 Hz to 10 Hz
G = 1
10
10
10
µV p-p
G = 10
1.0
1.0
1.0
µV p-p
G = 100
0.3
0.3
0.3
µV p-p
G = 1000
0.2
0.2
0.2
µV p-p
Current Noise
0.1 Hz to 10 Hz
60
60
60
pA p-p
SENSE INPUT
RIN
10
10
10
k
Ω
IIN
30
30
30
µA
Voltage Range
±10
±10
±10
V
Gain to Output
1
± 0.01
1
± 0.01
1
± 0.01
%
REFERENCE INPUT
RIN
20
20
20
k
Ω
IIN
30
30
30
µA
Voltage Range
±10
±10
±10
V
Gain to Output
1
± 0.01
1
± 0.01
1
± 0.01
%
TEMPERATURE RANGE
Specified Performance
J/K Grades
0
+70
0
+70
°C
A/B/C Grades
–40
+85
–40
+85
–40
+85
°C
S Grade
–55
+125
°C
Storage
–65
+150
–65
+150
–65
+150
°C
POWER SUPPLY
Power Supply Range
±6 to ±18
±6 to ±18
±6 to ± 18
V
Quiescent Current
3.5
5
3.5
5
3.5
5
mA
NOTES
1Gain Error and Gain TC are for the AD625 only. Resistor Network errors will add to the specified errors.
2V
DL is the maximum differential input voltage at G = 1 for specified nonlinearity. V DL at other gains = 10 V/G. VD = actual differential input voltage.
Example: G = 10, VD = 0.50; VCM = 12 V – (10/2
× 0.50 V) = 9.5 V.
Specifications subject to change without notice.
All min and max specifications are guaranteed. Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are
used to calculate outgoing quality levels.
REV. D
–3–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com