Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB-9 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MB-9
Description  MicroAmp MB-9 Circuit Board
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MB-9 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MB-9 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSEMBLY
OP-AMP SCHEMATIC
For additional product information, please visit www.twinind.com
Contact information: 925-866-8946 (phone) 925-866-8937 (fax) Sales@twinind.com
MicroAmp MB-9 Circuit Board
For SOIC-8 Operational Amplifiers
The MicroAmp MB-9 circuit board is designed for rapid prototyping of operational amplifier circuits using standard pinout SOIC-8
packages. It can be configured as an inverting or non-inverting topology with selectable input and feedback resistors and has a parallel
feedback capacitor for filtering or compensation. This board will fit the MicroAmp MH series of connectorized housings that allow it
to be used as a single amplifier stage or cascaded with other MicroAmp boards for added versatility. Boards are fabricated from a
high-performance 13 mil thick RO-4350 laminate with RoHS compatible ENIG plating (electroless nickel/immersion gold) on both the
component side and the solid bottom ground plane. The board measures 0.490" x 0.590" and mounts into the housing with four
#1-72 screws. Amplifier circuits can be easily designed and assembled with standard 0603 surface-mount passive components. It
includes provisions for input and output DC blocking capacitors, or these can be replaced with zero-ohm jumpers for DC operation.
Pads for the input/output connectors allow the SMA center pins to be easily soldered to the board after it is installed into the housing,
as well as large pads to connect the bias voltages to feed-throughs. Separate bias pads are provided for single and dual power supply
configurations.
REF
SIZE
FUNCTION
C1
0603
Block or jumper (not labeled)
C2
0603
Block or jumper (not labeled)
C3
0603
Bias bypass
C4
0603
Bias bypass
C5
0603
Inverting feedback filter
R1
0603
Inverting feedback gain
R2
0603
Inverting input gain
R3
0603
Input divider
R4
0603
Input divider (not labeled)
R5
0603
Feedback gain
U1
SOIC-8
Op-Amp
J1
Signal input
J2
Signal output (pin 6)
J3
Positive bias or gnd (pin 7)
J4
Negative bias or gnd (pin 4)
• Fits standard single SOIC-8
op-amp packages
• Inverting or non-inverting configuration
• Optional DC blocks on input and output
• Uses standard 0603 passives
• RO-4350 board material
• Fits MicroAmp MH-series housings
FEATURES


Similar Part No. - MB-9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MB-1 ETC2-MB-1 Datasheet
1Mb / 1P
Fits SOT-89 amplifier packages
logo
Premier Farnell Limited...
MB-1 DURATOOL-MB-1 Datasheet
165Kb / 2P
Multipurpose Boxes With Lids
14/01/12 V1.1
logo
KITAGAWA GmbH
MB-1 KGS-MB-1 Datasheet
400Kb / 1P
Mini cable clamp in a variety of shapes
logo
List of Unclassifed Man...
MB-10 ETC2-MB-10 Datasheet
1Mb / 1P
MicroAmp MB-10 Circuit Board
MB-11 ETC2-MB-11 Datasheet
1Mb / 1P
MicroAmp MB-11 Circuit Board
More results

Similar Description - MB-9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MB-5 ETC2-MB-5 Datasheet
1Mb / 1P
MicroAmp MB-5 Circuit Board
MB-6 ETC2-MB-6 Datasheet
1Mb / 1P
MicroAmp MB-6 Circuit Board
MB-7 ETC2-MB-7 Datasheet
1Mb / 1P
MicroAmp MB-7 Circuit Board
MB-8 ETC2-MB-8 Datasheet
1Mb / 1P
MicroAmp MB-8 Circuit Board
MB-10 ETC2-MB-10 Datasheet
1Mb / 1P
MicroAmp MB-10 Circuit Board
MB-11 ETC2-MB-11 Datasheet
1Mb / 1P
MicroAmp MB-11 Circuit Board
MB-12 ETC2-MB-12 Datasheet
1Mb / 1P
MicroAmp MB-12 Circuit Board
MB-13 ETC2-MB-13 Datasheet
1Mb / 1P
MicroAmp MB-13 Circuit Board
MB-14 ETC2-MB-14 Datasheet
1Mb / 1P
MicroAmp MB-14 Circuit Board
MB-15 ETC2-MB-15 Datasheet
1Mb / 1P
MicroAmp MB-15 Circuit Board
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com