Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB-13 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MB-13
Description  MicroAmp MB-13 Circuit Board
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MB-13 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MB-13 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSEMBLY
VOG SCHEMATIC
For additional product information, please visit www.twinind.com
Contact information: 925-866-8946 (phone) 925-866-8937 (fax) Sales@twinind.com
MicroAmp MB-13 Circuit Board
For Hittite VCOs in LP4E Packages
The MicroAmp MB-13 circuit board is designed for rapid prototyping of microwave VCOs using Hittite Microwave devices in LP4E
packages with RF outputs on pin 16, tuning controls on pin 22, and bias on pin 20. This board will fit the MicroAmp MH series of
connectorized housings that allow it to be used as a stand-alone oscillator or cascaded with other MicroAmp boards for added versa-
tility. Boards are fabricated from a high-performance 13 mil thick RO-4350 laminate with RoHS compatible ENIG plating (electroless
nickel/immersion gold) on both the component side and the solid bottom ground plane. The board measures 0.490" x 0.590" and
mounts into the housing with four or six #1-72 screws for optimal high frequency grounding. Oscillator circuits can be easily designed
and assembled with standard surface-mount passive components. It includes provisions for DC bias bypassing and configuring the
tuning pin to be connected to either an SMA input connector or feed-through in the housing. Pads for the input/output connectors
allow the SMA center pins to be easily soldered to the board after it is installed into the housing, as well as large pads to connect the
bias voltage and tuning input pins. The tuning pin has the option of connecting to the J1 SMA connector or to a feed-through by
preferential installation of R1.
REF
SIZE
FUNCTION
C1
0402
Bias bypass
C2
0805
Bias bypass
R1
0402
Tuning pin connection
U1
LP4E
VCO
J1
Coax tuning input (pin 22)
J2
+ Bias (pin 20)
J3
RF output (pin 16)
J4
R1 tuning input (pin 22)
• Fits Hittite Microwave VCOs
with LP4E packages
• Usable with HMC384-386, 388-391,
416, 429-431, 466, 505, 506, 532 VCOs
• VCOs frequencies from 2-8 GHz
• Uses standard SMD passive parts
• RO-4350 board material
• Fits MicroAmp MH-series housings
FEATURES


Similar Part No. - MB-13

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
MB-1390-DG BUD-MB-1390-DG Datasheet
50Kb / 1P
HANDLE/BAIL KIT, EXTERNAL MOUNTING BRACKET
MB-1390-LG BUD-MB-1390-LG Datasheet
50Kb / 1P
HANDLE/BAIL KIT, EXTERNAL MOUNTING BRACKET
More results

Similar Description - MB-13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MB-5 ETC2-MB-5 Datasheet
1Mb / 1P
MicroAmp MB-5 Circuit Board
MB-6 ETC2-MB-6 Datasheet
1Mb / 1P
MicroAmp MB-6 Circuit Board
MB-7 ETC2-MB-7 Datasheet
1Mb / 1P
MicroAmp MB-7 Circuit Board
MB-8 ETC2-MB-8 Datasheet
1Mb / 1P
MicroAmp MB-8 Circuit Board
MB-9 ETC2-MB-9 Datasheet
1Mb / 1P
MicroAmp MB-9 Circuit Board
MB-10 ETC2-MB-10 Datasheet
1Mb / 1P
MicroAmp MB-10 Circuit Board
MB-11 ETC2-MB-11 Datasheet
1Mb / 1P
MicroAmp MB-11 Circuit Board
MB-12 ETC2-MB-12 Datasheet
1Mb / 1P
MicroAmp MB-12 Circuit Board
MB-14 ETC2-MB-14 Datasheet
1Mb / 1P
MicroAmp MB-14 Circuit Board
MB-15 ETC2-MB-15 Datasheet
1Mb / 1P
MicroAmp MB-15 Circuit Board
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com