Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD629BN Datasheet(PDF) 1 Page - Analog Devices

Part # AD629BN
Description  High Common-Mode Voltage Difference Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD629BN Datasheet(HTML) 1 Page - Analog Devices

  AD629BN Datasheet HTML 1Page - Analog Devices AD629BN Datasheet HTML 2Page - Analog Devices AD629BN Datasheet HTML 3Page - Analog Devices AD629BN Datasheet HTML 4Page - Analog Devices AD629BN Datasheet HTML 5Page - Analog Devices AD629BN Datasheet HTML 6Page - Analog Devices AD629BN Datasheet HTML 7Page - Analog Devices AD629BN Datasheet HTML 8Page - Analog Devices AD629BN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD629
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
High Common-Mode Voltage
Difference Amplifier
FEATURES
Improved Replacement for:
INA117P and INA117KU
270 V Common-Mode Voltage Range
Input Protection to:
500 V Common Mode
500 V Differential
Wide Power Supply Range ( 2.5 V to
18 V)
10 V Output Swing on
12 V Supply
1 mA Max Power Supply Current
HIGH ACCURACY DC PERFORMANCE
3 ppm Max Gain Nonlinearity
20
V/ C Max Offset Drift (AD629A)
10
V/ C Max Offset Drift (AD629B)
10 ppm/ C Max Gain Drift
EXCELLENT AC SPECIFICATIONS
77 dB Min CMRR @ 500 Hz (AD629A)
86 dB Min CMRR @ 500 Hz (AD629B)
500 kHz Bandwidth
APPLICATIONS
High Voltage Current Sensing
Battery Cell Voltage Monitor
Power Supply Current Monitor
Motor Control
Isolation
FUNCTIONAL BLOCK DIAGRAM
8-Lead Plastic Mini-DIP (N) and SOIC (R) Packages
1
2
3
4
8
7
6
5
21.1k
380k
380k
380k
20k
REF(–)
–IN
+IN
–VS
NC
+VS
OUTPUT
REF(+)
AD629
NC = NO CONNECT
GENERAL DESCRIPTION
The AD629 is a difference amplifier with a very high input
common-mode voltage range. It is a precision device that
allows the user to accurately measure differential signals in the
presence of high common-mode voltages up to
±270 V.
The AD629 can replace costly isolation amplifiers in applications
that do not require galvanic isolation. The device will operate
over a
±270 V common-mode voltage range and has inputs
that are protected from common-mode or differential mode
transients up to
±500 V.
The AD629 has low offset, low offset drift, low gain error drift,
as well as low common-mode rejection drift, and excellent CMRR
over a wide frequency range.
The AD629 is available in low-cost, plastic 8-lead DIP and
SOIC packages. For all packages and grades, performance is
guaranteed over the entire industrial temperature range from
–40
°C to +85°C.
FREQUENCY – Hz
100
50
20
100
1k
10k
20k
95
90
85
80
75
70
65
60
55
Figure 1. Common-Mode Rejection Ratio vs. Frequency
60V/DIV
2mV/DIV
–240
–120
0
120
240
COMMON-MODE VOLTAGE – Volts
Figure 2. Common-Mode Operating Range. Error Voltage
vs. Input Common-Mode Voltage


Similar Part No. - AD629BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD629BN AD-AD629BN Datasheet
540Kb / 16P
High Common-Mode Voltage, Difference Amplifier
3/07-Rev. A to Rev. B
AD629BNZ AD-AD629BNZ Datasheet
540Kb / 16P
High Common-Mode Voltage, Difference Amplifier
3/07-Rev. A to Rev. B
More results

Similar Description - AD629BN

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
High Common-Mode Voltage DIFFERENCE AMPLIFIER
INA148 BURR-BROWN-INA148 Datasheet
123Kb / 12P
짹200V Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_07 Datasheet
540Kb / 16P
High Common-Mode Voltage, Difference Amplifier
3/07-Rev. A to Rev. B
logo
Texas Instruments
INA149 TI-INA149 Datasheet
1Mb / 24P
High Common-Mode Voltage Difference Amplifier
INA149-EP TI1-INA149-EP Datasheet
1Mb / 26P
HIGH COMMON-MODE VOLTAGE DIFFERENCE AMPLIFIER
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_15 Datasheet
410Kb / 16P
High Common-Mode Voltage, Difference Amplifier
REV. C
logo
Linear Technology
LT6375 LINER-LT6375 Datasheet
1Mb / 32P
270V Common Mode Voltage Difference Amplifier
logo
Texas Instruments
INA148 TI1-INA148 Datasheet
326Kb / 16P
200V Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
LT6376 AD-LT6376 Datasheet
613Kb / 30P
Common Mode Voltage Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com