Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ413 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MJ413
Description  10 AMPERE POWER TRANSISTORS NPN SILICON
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ413 Datasheet(HTML) 2 Page - Motorola, Inc

  MJ413 Datasheet HTML 1Page - Motorola, Inc MJ413 Datasheet HTML 2Page - Motorola, Inc MJ413 Datasheet HTML 3Page - Motorola, Inc MJ413 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MJ413 MJ423
2
Motorola Bipolar Power Transistor Device Data
100
0.1
IC, COLLECTOR CURRENT (AMP)
1.0
70
1.0
TJ = 100° C
1.0
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
6.0
200
1.0
0.1
100
125
TC, CASE TEMPERATURE (°C)
100
100
50
75
25
0
Figure 1. Active–Region Safe–Operating Area
Figure 2. Power–Temperature Derating Curve
Figure 3. Sustaining Voltage Test Load Line
Figure 4. Sustaining Voltage Test Circuit
10
0.01
2.0
4.0
1000
0.2
0.3
0.5 0.7
2.0
3.0
5.0
VCE = 5.0 V
25
°C
0
20
40
60
80
120
180
200
100
µs
1.0 ms
dc
0
500
VCEO(sus) IS ACCEPTABLE WHEN
VCE ≥ 325 V AT IC = 100 mA
400
200
100
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
Figure 5. Current Gain
500
300
0
400
300
200
100
200
Ω
+
–
+
–
6.0 V
50 V
TO SCOPE
X
Y
1.0
Ω
300
Ω
Hg RELAY
50 mHy
10
60
20
40
400
SECONDARY BREAKDOWN LIMITATION
THERMAL LIMITATION AT TC = 25°C
(BASE–EMITTER DISSIPATION IS
PERCEPTIBLE ABOVE IC ≈ 5 AMP)
The Safe Operating Area Curves indi-
cate IC – VCE limits below which the de-
vice will not enter secondary breakdown.
Collector load lines for specific circuits
must fall within the applicable Safe Area to
avoid causing a catastrophic failure. To in-
sure operation below the maximum TJ,
power temperature derating must be ob-
served for both steady state and pulse
power conditions.
140
160
7.0
50
30
20
10
7.0
5.0
3.0
2.0
10
0
VBE, BASE–EMITTER VOLTAGE (VOLTS)
1.0
7.0
0.1
0.5
1.5
2.0
VCE = 10 V
Figure 6. Transconductance
2.5
5.0
3.0
2.0
1.0
0.7
0.5
0.3
0.2
TJ = 150°C
10
25
°C
TJ = 100° C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com