Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6426 Datasheet(PDF) 13 Page - Analog Devices

Part # AD6426
Description  Enhanced GSM Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6426 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD6426 Datasheet HTML 9Page - Analog Devices AD6426 Datasheet HTML 10Page - Analog Devices AD6426 Datasheet HTML 11Page - Analog Devices AD6426 Datasheet HTML 12Page - Analog Devices AD6426 Datasheet HTML 13Page - Analog Devices AD6426 Datasheet HTML 14Page - Analog Devices AD6426 Datasheet HTML 15Page - Analog Devices AD6426 Datasheet HTML 16Page - Analog Devices AD6426 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
Preliminary Technical Information
AD6426
This Information applies to a product under development. Its characteristics and specifications are subject to change without notice. Analog Devices assumes no
obligation regarding future manufacture unless otherwise agreed to in writing. No responsibility is assumed by Analog Devices for its use; nor for any
infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent
rights of Analog Devices.
Revision Preliminary 2.3 (June 9, ´98)
- 13 -
Confidential Information
H8 Peripheral Register Contents (Continued)
#
7
6
5
4
3
2
1
0
66
SDISP POL
DISP CLKEN
CLK FREQ
DDREMT
67
Transmit Data [7:0]
68
Receive Data [7:0]
69
Reset Data [7:0]
72
WDT[7:0]
80
TEST CLK
Unused
Unused
UART SEL
DALLAS EN
RAM SEL7
DISP
SRAM16
81
WDT INT
RTC INT
KEYINT
DALLAS INT
FA INT
UA INT
SSINT
MONINT
82
WDT IE
RTC IE
KEY IE
DALLAS IE
FA IE
UA IE
SS IE
MONIE
84
Test Key[7:0]
85
USCCLK EN
BUCLK EN
FUCLK EN
DSPPLL[2:0]
96
TR[1]
97
TR[2]
98
TR[3]
99
TR[4]
100
TR[5]
101
AR[1]
102
AR[2]
103
AR[3]
104
INTEN
TIMWEN
ALAWEN
PWRUEN
AGCENN
FBENN
Unused
Unused
105
INT
TIMER
ALARM
APWRUP
OSCFAIL
32K PRESENT
TESTOUT
106
TXENABLE
NMI
SERDISP MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com