Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD641AP Datasheet(PDF) 15 Page - Analog Devices

Part # AD641AP
Description  250 MHz Demodulating Logarithmic Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD641AP Datasheet(HTML) 15 Page - Analog Devices

Back Button AD641AP Datasheet HTML 8Page - Analog Devices AD641AP Datasheet HTML 9Page - Analog Devices AD641AP Datasheet HTML 10Page - Analog Devices AD641AP Datasheet HTML 11Page - Analog Devices AD641AP Datasheet HTML 12Page - Analog Devices AD641AP Datasheet HTML 13Page - Analog Devices AD641AP Datasheet HTML 14Page - Analog Devices AD641AP Datasheet HTML 15Page - Analog Devices AD641AP Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
REV. C
AD641
–15–
FREQUENCY – MHz
3
2.5
–0.5
1
1000
10
100
2
1.5
1
0.5
0
0dBm
–20dBm
–35dBm
–50dBm
Figure 31. Single AD641 RSSI vs. Frequency
Figure 31 shows a plot of RSSI vs. frequency for various input
signal amplitudes. It can be seen that at higher frequencies the
output drops off as explained in the section “Effect of Fre-
quency on Calibration.’’ If the RSSI circuit is to be operated at
a known frequency with limited bandwidth, the compensation
techniques described in that section can be used to enhance
accuracy.
250 MHz RSSI Converter with 58 dB Dynamic Range
For a larger dynamic range two AD641s can be cascaded, as
shown in Figure 32. The low end usefulness of the circuit will
be set by the noise floor of the overall environment that the circuit
sees. This includes all sources of both radiated and conducted
noise. Proper layout to avoid conducted noise and good shield-
ing to minimize radiated noise are essential for good low signal
operation.
FREQUENCY – MHz
4.5
3.5
0
1
1000
10
100
2
2.5
1
1.5
0.5
0dBm
–20dBm
–50dBm
–80dBm
4
3
Figure 33. Cascaded AD641s RSSI vs. Frequency
Filtering between the devices and input offset nulling techniques
described elsewhere are also useful for extending the dynamic
range of two cascaded devices.
Figure 33 shows a plot of this circuit vs. frequency for various
input amplitudes. The drop off at high frequency can be seen to
be greater than for the single device case due to the compound-
ing effects of the bandwidth limiting of the extra stages.
6
7
4
3
U3
AD846
2
–6V
4.7
LOG
OUTPUT
+50mV/dB
(LO)
+6V
4.7
L1
(SEE
TEXT)
(SEE TEXT)
R5
1.13k
C2
47pF
C1
47pF
+6V
68
R4
100
–6V
18
NC
DENOTES A CONNECTION TO THE
GROUND PLANE; OBSERVE COMMON
CONNECTIONS WHERE SHOWN.
ALL UNMARKED CAPACITORS ARE
0.1 F CERAMIC. FOR VALUES OF
NUMBERED COMPONENTS SEE TEXT
R3
100
NC
NC
R1
R2
SIGNAL
INPUT
9
8
7
6
10
5
3
2
14
12
13
14
15
11
16
18
19
20
17
LOG
OUT
LOG
COM
SIG
+OUT
RG2
–VS
SIG
–OUT
RG0
RG1
CKT
COM
ATN
OUT
SIG
+IN
+VS
ITC
BL1
ATN
IN
ATN
COM
ATN
COM
ATN
LO
SIG
–IN
BL2
1k
1k
U1 AD641
9
8
7
6
10
5
3
2
14
12
13
14
15
11
16
18
19
20
17
LOG
OUT
LOG
COM
SIG
+OUT
RG2
–VS
SIG
–OUT
RG0
RG1
CKT
COM
ATN
OUT
SIG
+IN
+VS
ITC
BL1
ATN
IN
ATN
COM
ATN
COM
ATN
LO
SIG
–IN
BL2
1k
1k
U2 AD641
68
18
Figure 32. Complete 58 dB Dynamic Range Converter for 250 MHz Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com