Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD637JD Datasheet(PDF) 9 Page - Analog Devices

Part # AD637JD
Description  High Precision, Wide-Band RMS-to-DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD637JD Datasheet(HTML) 9 Page - Analog Devices

Back Button AD637JD Datasheet HTML 2Page - Analog Devices AD637JD Datasheet HTML 3Page - Analog Devices AD637JD Datasheet HTML 4Page - Analog Devices AD637JD Datasheet HTML 5Page - Analog Devices AD637JD Datasheet HTML 6Page - Analog Devices AD637JD Datasheet HTML 7Page - Analog Devices AD637JD Datasheet HTML 8Page - Analog Devices AD637JD Datasheet HTML 9Page - Analog Devices AD637JD Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
REV. E
–9–
AD637
VECTOR SUMMATION
Vector summation can be accomplished through the use of two
AD637s as shown in Figure 16. Here the averaging capacitors
are omitted (nominal 100 pF capacitors are used to insure
stability of the filter amplifier), and the outputs are summed as
shown. The output of the circuit is
VO = V X
2 +V
Y
2
This concept can be expanded to include additional terms by
feeding the signal from Pin 9 of each additional AD637 through
a 10 k
Ω resistor to the summing junction of the AD711, and ty-
ing all of the denominator inputs (Pin 6) together.
If CAV is added to IC1 in this configuration, the output is
V X
2 +V
Y
2 . If the averaging capacitor is included on both
IC1 and IC2, the output will be
V X
2 +V
Y
2 .
This circuit has a dynamic range of 10 V to 10 mV and is lim-
ited only by the 0.5 mV offset voltage of the AD637. The useful
bandwidth is 100 kHz.
BUFFER
AD637
SQUARER/DIVIDER
BIAS
SECTION
FILTER
25k
25k
1
2
3
4
5
6
7
14
13
12
11
10
9
8
CAV
–VS
+VS
+
ABSOLUTE
VALUE
NC
SIGNAL
INPUT
NC
100 F
AD548JN
–VS
+VS
FILTERED
V rms OUTPUT
1 F
1 F
1000pF
6.8M
NOTE: VALUES CHOSEN TO GIVE 0.1%
AVERAGING ERROR @ 1Hz
1M
50k
–VS
+VS
OUTPUT
OFFSET
ADJUST
CAV1
3.3 F
499k
1%
R
3.3M
3.3M
VIN
2
V rms
Figure 15. AD637 as a Low Frequency RMS Converter
BUFFER
AD637
SQUARER/DIVIDER
BIAS
SECTION
FILTER
25k
25k
1
2
3
4
5
6
7
14
13
12
11
10
9
8
–VS
+VS
ABSOLUTE
VALUE
100pF
VX IN
BUFFER
AD637
SQUARER/DIVIDER
BIAS
SECTION
FILTER
25k
25k
1
2
3
4
5
6
7
14
13
12
11
10
9
8
–VS
+VS
ABSOLUTE
VALUE
100pF
VX IN
VOUT =
VX2 + VV2
5pF
10k
AD711K
EXPANDABLE
10k
10k
20k
Figure 16. AD637 Vector Sum Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com