Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6459ARS Datasheet(PDF) 12 Page - Analog Devices

Part # AD6459ARS
Description  GSM 3 V Receiver IF Subsystem
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6459ARS Datasheet(HTML) 12 Page - Analog Devices

Back Button AD6459ARS Datasheet HTML 4Page - Analog Devices AD6459ARS Datasheet HTML 5Page - Analog Devices AD6459ARS Datasheet HTML 6Page - Analog Devices AD6459ARS Datasheet HTML 7Page - Analog Devices AD6459ARS Datasheet HTML 8Page - Analog Devices AD6459ARS Datasheet HTML 9Page - Analog Devices AD6459ARS Datasheet HTML 10Page - Analog Devices AD6459ARS Datasheet HTML 11Page - Analog Devices AD6459ARS Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD6459
–12–
REV. 0
AD6459 EVALUATION BOARD
The AD6459 evaluation board (Figure 27) consists of a
AD6459, ground plane, I/O connectors, and a 19.5 MHz band
pass filter. The RF, LO and FREF ports are terminated in 50
Ω
to provide a broadband match or external signal generators.
The board provides SMA connectors for the RF, LO, demodu-
lator reference, mixer output and IF input signals. The MXOP
and IFIP connectors are left unconnected and are provided as a
testing convenience. Footprints for broadband matching trans-
formers and matching components are also provided to aid in
stage breakout testing.
The remaining low frequency signals, including the I and Q
interface, bias and power connections are made via a dual row
pin header that acts as an Interface Connector located along the
edges of the board. An on-board gain-reference 1.2 V biasing
option is provided via a single jumper, J1. The evaluation board
will not function without this jumper unless an external bias
GREF is provided from an external reference that is normally
provided by the associated ADC.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
20
11
10
1
0.295 (7.50)
0.271 (6.90)
PIN 1
SEATING
PLANE
0.008 (0.203)
0.002 (0.050)
0.07 (1.78)
0.066 (1.67)
0.0256
(0.65)
BSC
0.078 (1.98)
0.068 (1.73)
0.009 (0.229)
0.005 (0.127)
0.037 (0.94)
0.022 (0.559)
8
°
0
°
Full Path Configuration
As received, the board is configured for full-path evaluation
from RFHI to the I and Q outputs. The one-pole LC resonant
circuit provided represents a simple, yet balanced, IF bandpass
filtering approach. The filter supplied is centered at 19.5 MHz,
a common GSM intermediate frequency. Table I highlights the
filter component values for other IF frequencies. RFHI and
RFLO are true differential inputs, however for testing conve-
nience, the RFLO terminal of the AD6459 is ac referenced to
ground on the evaluation board. The GAIN bias input, which is
bypassed with a 10 nF capacitor, is brought out to the interface
connector. The PRUP input is provided with a 20 k
Ω pull up
resistor to VPOS that activates the board.
The four differential I and Q outputs are brought out uncondi-
tioned, directly to the interface connector. A high impedance,
high bandwidth FET-type probe should be used when measur-
ing the I and Q ports. Excessive capacitive or resistive loading of
these ports will severely limit the video bandwidth and signal
swing. The demodulator PLL filter installed on the evaluation
board (R8, C10) can accommodate the full VFQO lock range
specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com