Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD645C Datasheet(PDF) 4 Page - Analog Devices

Part # AD645C
Description  Low Noise, Low Drift FET Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD645C Datasheet(HTML) 4 Page - Analog Devices

  AD645C Datasheet HTML 1Page - Analog Devices AD645C Datasheet HTML 2Page - Analog Devices AD645C Datasheet HTML 3Page - Analog Devices AD645C Datasheet HTML 4Page - Analog Devices AD645C Datasheet HTML 5Page - Analog Devices AD645C Datasheet HTML 6Page - Analog Devices AD645C Datasheet HTML 7Page - Analog Devices AD645C Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REV. B
–4–
AD645–Typical Characteristics (@ +25 C, 15 V unless otherwise noted)
100
1k
10k
100k
1.0
10
100
FREQUENCY – Hz
10
1M
0.1
1
Figure 7. Current Noise Spectral
Density vs. Frequency
1.0
10
100
SOURCE RESISTANCE –
Ω
1k
10 9
10 8
107
10 6
10 5
103
10 4
NOISE BANDWIDTH: 0.1 to 10Hz
Figure 10. Input Voltage Noise vs.
Source Resistance
0
1
23
45
WARM-UP TIME – Minutes
50
25
0
25
–
50
–
T = +25 C
A
V =
±15V
S
Figure 13. Change in Input Offset
Voltage vs. Warmup Time
1k
100
10
0
1
10
100
1k
10k
100k
FREQUENCY – Hz
Figure 8. Voltage Noise Spectral
Density vs. Frequency
10
15
20
25
5
100
10
0.1
0.01
CURRENT NOISE
VOLTAGE NOISE
TEMPERATURE – C
60
–
0
40
–
20
–
20
40
60
80
100 120 140
f = 1kHz
o
1
Figure 11. Voltage and Current
Noise Spectral Density vs.
Temperature
01
2
3
4
5
TIME FROM THERMAL SHOCK – Minutes
150
75
0
150
–
75
–
T
A = 25°C TO TA = 85°C
Figure 14. Change in Input Offset
Voltage vs. Time from Thermal
Shock
10
100
1k
10k
10
100
1000
FREQUENCY – Hz
1.0
100k
1
0.1
R = 10M
Ω
S
R = 1M
Ω
S
R = 100k
Ω
S
R = 100
Ω
S
Figure 9. Voltage Noise Spectral
Density vs. Frequency for Various
Source Resistances
100
1k
10k
100k
1.0
10
100
SOURCE RESISTANCE –
Ω
1M
10M
100M
1k
SOURCE
RESISTANCE
NOISE OF AD645
AND RESISTOR
RESISTOR NOISE
ONLY
Figure 12. Voltage Noise Spectral
Density @ 1 kHz vs. Source
Resistance
60
40
20
0
20
40
60
80
100
120 140
––
–
TEMPERATURE – C
10 9
–
10 10
–
10 11
–
10
12
–
10
13
–
10
14
–
10 9
–
10 10
–
10 11
–
10
12
–
10
13
–
10
14
–
INPUT
BIAS
CURRENT
INPUT
OFFSET
CURRENT
Figure 15. Input Bias and Offset
Currents vs. Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com