Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3000TL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 3000TL
Description  Maximum DC input voltage of 750 V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3000TL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  3000TL Datasheet HTML 1Page - List of Unclassifed Manufacturers 3000TL Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMA Solar Technology
www.SMA-Solar.com
Provisional technical data
Sunny Boy 2500TL
Single Tracker
Sunny Boy 3000TL
Single Tracker
Input (DC)
Max. DC power (@ cos ϕ = 1)
2650 W
3200 W
Max. input voltage
750 V
750 V
MPP voltage range / rated input voltage
180 – 500 V / 400 V
213 – 500 V / 400 V
Min. input voltage / start input voltage
125 V / 150 V
125 V / 150 V
Max. input current
15 A
15 A
Max. input current per string
15 A
15 A
Number of independent MPP inputs / strings per MPP input
1 / 2
1 / 2
Output (AC)
Rated power (@ 230 V, 50 Hz)
2500 W
3000 W
Max. apparent AC power
2500 VA
3000 VA
Nominal AC voltage
220 V / 230 V / 240 V
220 V / 230 V / 240 V
Nominal AC voltage range
180 V – 280 V
180 V – 280 V
AC power frequency / range
50 Hz, 60 Hz / –5 Hz, +5 Hz
50 Hz, 60 Hz / –5 Hz, +5 Hz
Rated power frequency / rated grid voltage
50 Hz / 230 V
50 Hz / 230 V
Max. output current
10.9 A
13.1 A
Power factor at rated power
1
1
Displacement power factor, adjustable
0.8 overexcited ... 0.8 underexcited
0.8 overexcited ... 0.8 underexcited
Feed-in phases / connection phases
1 / 1
1 / 1
Efficiency
Max. efficiency / European weighted efficiency
97% / 96.0%
97% / 96.1%
Protective devices
DC-side disconnection device
○
○
Ground fault monitoring / grid monitoring
● / ●
● / ●
DC reverse polarity protection / AC short-circuit current capability /
galvanically isolated
● / ● / —
● / ● / —
All-pole-sensitive residual-current monitoring unit
●
●
Protection class (as per IEC 62103) / overvoltage category (as per IEC 60664-1)
I / III
I / III
General data
Dimensions (W / H / D)
490 / 519 / 185 mm
(19.3 / 20.4 / 7.3 inch)
490 / 519 / 185 mm
(19.3 / 20.4 / 7.3 inch)
Weight
23 kg / 50.6 lb
23 kg / 50.6 lb
Operating temperature range
–25 °C ... +60 °C / –13 °F ... 140 °F
–25 °C ... +60 °C / –13 °F ... 140 °F
Noise emission (typical)
25 dB(A)
25 dB(A)
Self-consumption (at night)
1 W
1 W
Topology / cooling concept
Transformerless / convection
Transformerless / convection
Degree of protection: electronics (per IEC 60529)
IP65
IP65
Climatic category (as per IEC 60721-3-4)
4K4H
4K4H
Maximum permissible value for relative humidity (non-condensing)
100%
100%
Features
DC connection / AC connection
SUNCLIX / spring clamp terminal
SUNCLIX / spring clamp terminal
display
chart
chart
Interfaces: RS485 / Bluetooth® / Webconnect / Speedwire2
○ / ● / ○ / ○
○ / ● / ○ / ○
Multi-function relay / Power Control Module
○ / ○
○ / ○
Warranty: 5 / 10 / 15 / 20 / 25 years
● / ○ / ○ / ○ /○
● / ○ / ○ / ○ /○
Certificates and approvals (more upon request)
CE, VDE 0126-1-1, VDE-AR-N 4105, C10/11, G83/1-1, G59/2
Certificates and approvals (planned)
RD 1699/2011, PPC, RD 661/2007, AS 4777, EN 504381, PPDS, IEC61727,
SI4777, UTE C15-712-1, CEI 0-21
Version: July 2012 / ● Standard features ○ Optional features — Not available, Data at nominal conditions
Type designation
SB 2500TLST-21
SB 3000TLST-21
Accessories
1
Does not apply to all national appendices of EN 50438
2
In planing
RS485 interface
DM-485CB-10
Additional Fan Kit
FANKIT01-10
Interface to
Speedwire fieldbus
SPWDM-102
Multi-function relay
MFR01-10
Webconnect interface
incl. Speedwire function
WEBCONDM-10
Power Control Module
PWCMOD-10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com