Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6600ST Datasheet(PDF) 15 Page - Analog Devices

Part # AD6600ST
Description  Dual Channel, Gain-Ranging ADC with RSSI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6600ST Datasheet(HTML) 15 Page - Analog Devices

Back Button AD6600ST Datasheet HTML 11Page - Analog Devices AD6600ST Datasheet HTML 12Page - Analog Devices AD6600ST Datasheet HTML 13Page - Analog Devices AD6600ST Datasheet HTML 14Page - Analog Devices AD6600ST Datasheet HTML 15Page - Analog Devices AD6600ST Datasheet HTML 16Page - Analog Devices AD6600ST Datasheet HTML 17Page - Analog Devices AD6600ST Datasheet HTML 18Page - Analog Devices AD6600ST Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
REV. 0
AD6600
–15–
THEORY OF OPERATION
The AD6600, dual-channel, gain-ranging ADC integrates ana-
log IF circuitry with high speed data conversion. Each analog
input stage is a 1 GHz, 0 dB to –24 dB, phase-compensated step
attenuator; the step size in each attenuator is 12 dB. Both input
stages drive an analog multiplex function followed by a 12 dB/
18 dB gain amplifier. A simple LC noise filter at the output of
the gain amplifier is required to resonate at the desired IF. This
resonant filter port precedes a wide input bandwidth (450 MHz)
track-and-hold followed by an 11-bit analog-to-digital converter
(ADC). A high speed synchronous peak detector monitors sig-
nal strength at both input channels. The peak detector drives
RSSI circuitry that automatically adjusts attenuation and gain
on a clock-by-clock basis. The three RSSI indicator bits and the
eleven ADC bits are available at the output providing an exponent
and mantissa data format. Together these integrated components
form an IF sampling, high dynamic range ADC system.
It is helpful to view this device as a stand-alone ADC using
automatic gain control. The gain control referred to in this data
sheet as “gain-ranging” works to maintain a constant SNR over
as wide a range as possible.
As stated previously, the AD6600 has a floating-point output:
eleven mantissa bits and three exponent bits. As shown in Fig-
ure 16, at the lowest input levels SNR increases 1 dB for a 1 dB
increase in input power. In this range, the AD6600 is set for
maximum gain. However, when the input signal level reaches
the gain-ranging section (approximately –42 dBFS), the SNR is
contained between about 50 dB and 56 dB or between 44 dB and
56 dB including the effects of hysteresis. Although Figure 16
does not indicate so, there are slight differences between the
SNR from one gain range to the next as the gain amp switches
between 12 dB and 18 dB. Once the final RSSI range has been
exceeded (approximately –12 dBFS), SNR again increases 1 dB
per 1 dB input power increase until converter full scale is reached.
Again, this performance is very much like the effects of a typical
analog AGC loop.
GAIN
A/D
CONVERTER
TIMING
ENCODE
SELECT GAIN
+12, +18dB
ENCODE
FLT
FLT
NOISE FILTER
RESONANT
PORT
630
RSSI
3
TWO'S
COMPLEMENT
11
AB_OUT
D10–D0
RSSI [2:0]
CLK2
DVCC
ENC
ENC
GND
AVCC
B_SEL
A_SEL
GAIN
GAIN
RSSI
3
0dB, –12dB, –24dB
ATTEN
ATTEN
0dB, –12dB, –24dB
DETECT
PEAK
SET
RSSI
AIN
AIN
BIN
BIN
AD6600
Figure 15. Functional Block Diagram
SNR – dB
–12
–48
24 28 32 36 40 44 48 52 56 60
–18
–42
–54
–30
–36
–60
–24
–66
–72
–78
–84
–90
–96
0
–90
20
16
12
8
4
0
12dB SNR WINDOW
101
100
011
010
001
000
101
100
011
010
001
000
Figure 16. SNR for Gain-Ranging ADC
AD6600 SUBCIRCUITS
Input Step Attenuator and Gain Stage
The AD6600 has two identical input attenuators, Channel A
and Channel B. These dual inputs are typically used as diversity
channels but may also process two independent IF signals. For
maximum oversampling the device is used in single channel mode;
in this case only one input channel is required. The attenuator
steps are 0 dB, –12 dB and –24 dB. The attenuator settings are
based on the decisions of the RSSI stage (see Peak Detector/
RSSI section). The outputs of the attenuators connect to an
analog multiplexer that selects either Channel A or B for subse-
quent processing (see Input Mode). The selected signal drives
a dual-gain amplifier set to either 12 dB or 18 dB; the selected
gain is also determined by the RSSI stage. Therefore, based on
all possible combinations of attenuation and gain, the input
signal receives –12 dB to +18 dB of voltage gain in 6 dB steps
(Table I). Overall gain-matching is typically within 0.1 dB. With
a bandwidth of 1 GHz, the phase delay through the front-end
ranges from 0.2 degrees to 0.5 degrees, depending on input
frequency. Additionally, the input impedance does not change
with attenuator settings so there is no AM-to-PM distortion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com