Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1611 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS1611
Description  TRIAC Dimmable LED Driver IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1611 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS1611 Datasheet HTML 9Page - Cirrus Logic CS1611 Datasheet HTML 10Page - Cirrus Logic CS1611 Datasheet HTML 11Page - Cirrus Logic CS1611 Datasheet HTML 12Page - Cirrus Logic CS1611 Datasheet HTML 13Page - Cirrus Logic CS1611 Datasheet HTML 14Page - Cirrus Logic CS1611 Datasheet HTML 15Page - Cirrus Logic CS1611 Datasheet HTML 16Page - Cirrus Logic CS1611 Datasheet HTML 17Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
CS1610/11/12/13
DS929F5
13
The ADC output code is filtered to suppress noise and
compared against a reference code that corresponds to
125/130°C. If the temperature exceeds this threshold, the
chip enters an external overtemperature state and shuts
down. This is not a latched protection state, and the ADC
keeps tracking the temperature in this state in order to clear
the fault state once the temperature drops below 110°C.
When exiting reset, the chip enters startup and the ADC
quickly (<5ms) tracks the external temperature to check if it is
below the 110°C reference code before the boost and second
stages are powered up. If this check fails, the chip will wait
until this condition becomes true before initializing the rest of
the system.
For external overtemperature protection, a second low-pass
filter with a time constant of two minutes filters the ADC output
and uses it to scale down the internal dim level of the system
(and hence the LED current, ILED) if the temperature exceeds
95 °C (see Figure 15). The large time constant for this filter
ensures that the dim scaling does not happen spontaneously
and is not noticeable (suppress spurious glitches). The ILED
starts reducing when RNTC ~ 6.3k (assuming a 14k1%
tolerance, series resistor), which corresponds to a
temperature of 95°C for a 100k
 NTC (100k
at 25°C). The
ILED current is scaled until the NTC value reaches 2.5k
(125°C). The CS1610/11/12/13 uses this calculated value to
scale the output LED current, ILED, as shown in Figure 15.
Figure 15. LED Current vs. eOTP Temperature
Beyond this temperature, the IC shuts down using the
mechanism discussed above. If the external overtemperature
protection feature is not required, connect the eOTP pin to
GND using a 50k
-to-500k resistor to disable the eOTP
feature.
Temperature (
°C)
125
95
50%
100%
0
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com