Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5490-ISZR Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS5490-ISZR
Description  Two Channel Energy Measurement IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS5490-ISZR Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS5490-ISZR Datasheet HTML 9Page - Cirrus Logic CS5490-ISZR Datasheet HTML 10Page - Cirrus Logic CS5490-ISZR Datasheet HTML 11Page - Cirrus Logic CS5490-ISZR Datasheet HTML 12Page - Cirrus Logic CS5490-ISZR Datasheet HTML 13Page - Cirrus Logic CS5490-ISZR Datasheet HTML 14Page - Cirrus Logic CS5490-ISZR Datasheet HTML 15Page - Cirrus Logic CS5490-ISZR Datasheet HTML 16Page - Cirrus Logic CS5490-ISZR Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
CS5490
DS982F2
13
SWITCHING CHARACTERISTICS
• Min / Max characteristics and specifications are guaranteed over all Recommended Operating Conditions.
• Typical characteristics and specifications are measured at nominal supply voltages and TA = 25°C.
• VDDA = +3.3V ±10%; GNDA = 0V. All voltages with respect to 0V.
• Logic Levels: Logic 0 = 0V, Logic 1 = VDDA.
Notes:
13.
Specified using 10% and 90% points on waveform of interest. Output loaded with 50pF.
14.
Oscillator start-up time varies with crystal parameters. This specification does not apply when using an external clock source.
Parameter
Symbol
Min
Typ
Max
Unit
Rise Times
DO
(Note 13)
Any Digital Output Except DO
trise
-
-
-
50
1.0
-
µs
ns
Fall Times
DO
(Note 13)
Any Digital Output Except DO
tfall
-
-
-
50
1.0
-
µs
ns
Start-up
Oscillator Start-up Time
XTAL = 4.096 MHz (Note 14)
tost
-60-
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com