Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6600PCB Datasheet(PDF) 16 Page - Analog Devices

Part # AD6600PCB
Description  Dual Channel, Gain-Ranging ADC with RSSI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6600PCB Datasheet(HTML) 16 Page - Analog Devices

Back Button AD6600PCB Datasheet HTML 12Page - Analog Devices AD6600PCB Datasheet HTML 13Page - Analog Devices AD6600PCB Datasheet HTML 14Page - Analog Devices AD6600PCB Datasheet HTML 15Page - Analog Devices AD6600PCB Datasheet HTML 16Page - Analog Devices AD6600PCB Datasheet HTML 17Page - Analog Devices AD6600PCB Datasheet HTML 18Page - Analog Devices AD6600PCB Datasheet HTML 19Page - Analog Devices AD6600PCB Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
REV. 0
AD6600
–16–
Table I. Attenuator and Gain Settings
Attenuator
Gain Amp
Total
RSSI Word
0 dB
+18 dB
+18 dB
000
0 dB
+12 dB
+12 dB
001
–12 dB
+18 dB
+6 dB
010
–12 dB
+12 dB
0 dB
011
–24 dB
+18 dB
–6 dB
100
–24 dB
+12 dB
–12 dB
101
High-Speed Peak Detector and RSSI Circuitry
The peak detector along with the attenuator and dual gain
amplifier form the control loop within the AD6600.
The peak detector is designed to follow the analog input one clock
cycle before the conversion is actually made. Therefore, while the
converter section of the AD6600 is converting sample “n,” the
peak detector is already looking at sample “n+1.” While look-
ing at the “n+1” sample (the calibration period), the peak detec-
tor examines the envelope of the input signal. The more of an
envelope that is tracked, the more accurate the gain setting. At
the very least, the peak detector must be presented either a positive
or negative sinusoidal peak, which represents about one-half of a
sine wave cycle. Since the peak detector works for a complete cycle
prior to conversion, the absolute minimum IF frequency that can
be determined is twice the sample rate per channel. Therefore,
at 15 MSPS, the minimum IF frequency that can be sampled
would be 30 MHz.
Note that the more cycles of the input that are monitored by the
peak detector, the more accurate the gain setting will be. There-
fore, the actual minimum IF frequency recommended is higher
than this. The minimum specified frequency is 70 MHz. Since the
RSSI control loop is performed on a sample-by-sample basis,
the AD6600 very accurately follows the signals into and out of a
deep fade.
Hysteresis
The AD6600 employs hysteresis to prevent the gain-ranging from
unnecessarily changing when the signal envelope is near an RSSI
threshold. The hysteresis is digital and will account for exactly
6 dB of shift, depending on whether the signal is increasing or
decreasing. This effect is shown in the dashed lines of the over-
all transfer function, Figure 16.
External LC Noise Filter, Resonant Port
The output of the attenuator/gain stage drives the wide bandwidth
track-and-hold (T/H), followed by the ADC encoder. Because the
attenuator/gain stage has a very wide bandwidth (~1 GHz), an
LC filter or “resonant port” is provided to limit the amount of
wideband noise delivered to the ADC. The simple LC filter does
not provide signal selectivity and should typically be 35 MHz to
50 MHz wide. However, because the ADC’s track-and-hold itself
has a wide bandwidth (~450 MHz), this noise-limiting filter is
critical to meeting overall sensitivity. Specific details on select-
ing components for the resonant port are provided later in the
text (Understanding the External Analog Filter).
ADC Encoder
After the calibration period is complete (one clock cycle), the
appropriate gain and attenuator settings are determined and set.
Once settled, the internal track-and-hold freezes the input signal
so that the ADC encoder may digitize the signal. During digiti-
zation, the peak detector/RSSI circuitry is already looking at the
next sample. When the AD6600 is in dual channel mode, the
process is interleaved: while Channel B is monitored for signal
strength, Channel A is digitized. This allows the RSSI to update
on a clock-by-clock basis.
DIGITIZE
OLD DATA
T-AND-H HOLD
T-AND-H TRACK
ADC DIGITIZE
T-AND-H HOLD
RSSI
CAL.
RSSI SET
NOISE FILTER
DISCHARGE
NOISE FILTER
SETTLING
4/8 AMP
CLAMPED
NOISE FILTER
SETTLING
ENCODE
IF INPUT
INTERNAL
2
CLOCK
RSSI
CALIBRATION
AMPLIFIER
CONTROL
T/H INPUT
Figure 17. Internal Timing
Figure 17 shows the internal timing of the chip. The encode
applied to the device initiates several actions. The first and most
important is that the track-and-hold is placed in hold, thus
sampling the analog input at that instant. The second action is that
the peak detector of the RSSI circuitry is initialized. During this
period, the analog input envelope is monitored to determine signal
power. The AD6600 is in calibration mode for about one-
quarter of the encode period.
While the AD6600 is in calibration, the external noise filter is
discharged and the amplifier driving the filter disabled. Since this
filter is shared between the two input channels in dual channel
mode, this greatly reduces the feedthrough between the channels
that would otherwise exist. One-quarter of an encode period after
the calibration is complete, the amplifier is re-enabled and allowed
to settle to its new signal conditions for sampling by the wideband
T/H on the next encode signal. The final action is that the signal
on the resonant port is sampled by the track-and-hold. This
happens on the next rising edge of the encode.
Input Mode Select
The AD6600 has two operating modes: single channel and dual
channel. In single channel mode, the ADC always samples Chan-
nel A or always samples Channel B. In dual channel mode, the
ADC converter is sampling Channel A and Channel B on alter-
nating Encode cycles. Two control pins are provided to select
the desired mode of operation. A_SEL and B_SEL arbitrate the
selection of how these input channels are connected to the out-
put. Table II shows the truth table for selection of the input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com