Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6620PCB Datasheet(PDF) 27 Page - Analog Devices

Part # AD6620PCB
Description  65 MSPS Digital Receive Signal Processor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6620PCB Datasheet(HTML) 27 Page - Analog Devices

Back Button AD6620PCB Datasheet HTML 23Page - Analog Devices AD6620PCB Datasheet HTML 24Page - Analog Devices AD6620PCB Datasheet HTML 25Page - Analog Devices AD6620PCB Datasheet HTML 26Page - Analog Devices AD6620PCB Datasheet HTML 27Page - Analog Devices AD6620PCB Datasheet HTML 28Page - Analog Devices AD6620PCB Datasheet HTML 29Page - Analog Devices AD6620PCB Datasheet HTML 30Page - Analog Devices AD6620PCB Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
AD6620
–27–
REV. 0
If the AD6620s to be synchronized have identical decimation,
then latency through the filter stages will be matched and output
data rates for the Sync master’s filter stages will match the cor-
responding filter stages of the slave.
SYNC M/S
MASTER
SLAVE
SYNC CIC
SYNC RCF
MASTER
SLAVE
Figure 47. SYNC_CIC, SYNC_RCF Pins
The three SYNC inputs to the control block originate from the
same three bidirectional pads from which the three SYNC out-
puts are driven. When the AD6620 is a SYNC MASTER, the
internal circuitry that generates the SYNC pulse outputs is
enabled to the pads. When the AD6620 is a SYNC SLAVE, the
internally produced SYNC pulses are three-stated, and the pads
are driven from an external input. The capacitance on these pins
must be closely monitored since the master responds to the
same SYNC pulse as the slave (its own pulse). There is no input
requirement to the relative phases of these SYNC pulses. In the
absence of SYNC pulses each state machine will free run so the
latter decimation filters can be reliably synchronized by the
SYNC pulses of an earlier stage. However, when sync pulses are
provided externally, setup-and-hold times must be met for each
respective input.
CONTROL REGISTERS AND ON-CHIP RAM
The AD6620 provides a choice of two control ports. It has an 8-
bit generic microprocessor port that is used for configuring the
device at boot up and dynamically reconfiguring the AD6620 in
the system. It also has a synchronous serial port that can also
dynamically reconfigure the AD6620 for the desired system
operation. All control registers are available from both the serial
port and the microprocessor port. These control methods are
nonexclusive and the two ports can be used simultaneously. If
simultaneous access occurs, the serial port is given precedence
over the microprocessor port unless a micro cycle is already
under way. The microprocessor port deasserts the or RDY
signal and waits until the serial access is completed. Output data
is also available from the serial port; this feature is described in
detail in the Serial Port Control section. The mapping of the
AD6620 internal registers is provided below.
Table VI. Control Register and RAM Addresses
Address
Bit Width
Name
Notation
Description
000–0FF
20
RCF Coefficient RAM
RCF Coefficient RAM
100–1FF
36
RCF Data RAM
RCF Data RAM
200–27F
0
Reserved
Reserved
300
8
MODE CONTROL REGISTER
0: SOFT_RESET
1
1: Diversity Channel Real Input Mode
2: Single Channel Complex Input Mode
3: Sync Master/Slave2 (Master = 1,
Slave = 0)
7–4: Reserved
301
3
NCO CONTROL REGISTER
0: NCO Bypass (Bypass = 1, Active= 0)
1: Enable Phase Dither
2: Enable Amplitude Dither
7–3: Reserved
302
32
NCO SYNC CONTROL REGISTER
SYNC_MASK
Write: Sync Mask Shadow
Read: Sync Mask
303
32
NCO_FREQ
NCO_FREQ
Channel Frequency for NCO Tuning
304
16
NCO PHASE_OFFSET
NCO Phase Offset
305
8
INPUT/CIC2 SCALE REGISTER
2–0: SCIC2
3: Reserved
4: ExpInv
7–5: : ExpOff
306
8
MCIC2 – 1
MCIC2 – 1
CIC2 Decimation Minus One
307
5
CIC5 SCALE REGISTER
SCIC5
4–0: SCIC5
7–5: Reserved
308
8
MCIC5 – 1
MCIC5 – 1
CIC5 Decimation Minus One
309
4
OUTPUT/RCF CONTROL REGISTER
SOUT
2–0: Output Scale Factor
7–3: Reserved
30A
8
MRCF – 1
MRCF – 1
RCF Decimation Minus One
30B
8
RCF ADDRESS OFFSET REGISTER
RCFOFF
Filter Coefficient Address Offset
30C
8
NTAPS – 1
NTAPS – 1
Number of Taps Minus One
30D
8
Reserved (Should Be Written 0)
Reserved (Should Be Written 0)
NOTES
1This bit is set high on
RESET. The chip is held into SOFT_RESET until it is written low.
2This bit is set low on
RESET. This keeps multiple AD6620 SYNC Masters from driving each other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com