Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD650BD Datasheet(PDF) 2 Page - Analog Devices

Part # AD650BD
Description  Voltage-to-Frequency and Frequency-to-Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD650BD Datasheet(HTML) 2 Page - Analog Devices

  AD650BD Datasheet HTML 1Page - Analog Devices AD650BD Datasheet HTML 2Page - Analog Devices AD650BD Datasheet HTML 3Page - Analog Devices AD650BD Datasheet HTML 4Page - Analog Devices AD650BD Datasheet HTML 5Page - Analog Devices AD650BD Datasheet HTML 6Page - Analog Devices AD650BD Datasheet HTML 7Page - Analog Devices AD650BD Datasheet HTML 8Page - Analog Devices AD650BD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD650J/AD650A
AD650K/AD650B
AD650S
Model
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
Full-Scale Frequency Range
1
1
1
MHz
Nonlinearity1 fMAX = 10 kHz
0.002
0.005
0.002
0.005
0.002
0.005
%
Nonlinearity1 fMAX = 100 kHz
0.005
0.02
0.005
0.02
0.005
0.02
%
Nonlinearity1 fMAX = 500 kHz
0.02
0.05
0.02
0.05
0.02
0.05
%
Nonlinearity1 fMAX = 1 MHz
0.1
0.05
0.1
0.05
0.1
%
Full-Scale Calibration Error2, 100 kHz
±5
±5
±5%
Full-Scale Calibration Error2, 1 MHz
±10
±10
±10
%
vs. Supply3
–0.015
+0.015
–0.015
+0.015
–0.015
+0.015
% of FSR/V
vs. Temperaturc
A, B, and S Grades
at 10 kHz
±75
±75
±75
ppm/
°C
at 100 kHz
±150
±150
±150
ppm/
°C
J and K Grades
at 10 kHz
±75
±75
ppm/
°C
at 100 kHz
±150
±150
ppm/
°C
BIPOLAR OFFSET CURRENT
Activated by 1.24 k
Ω Between Pins 4 and 5
0.45
0.5
0.55
0.45
0.5
0.55
0.45
0.5
0.55
mA
DYNAMIC RESPONSE
Maximum Settling Time for Full Scale
Step Input
1 Pulse of New Frequency Plus 1
µs 1 Pulse of New Frequency Plus 1 µs 1 Pulse of New Frequency Plus 1 µs
Overload Recovery Time
Step Input
1 Pulse of New Frequency Plus 1
µs 1 Pulse of New Frequency Plus 1 µs 1 Pulse of New Frequency Plus 1 µs
ANALOLG INPUT AMPLIFIER (V/F Conversion)
Current Input Range (Figure 1)
0
+0.6
0
+0.6
0
+0.6
mA
Voltage Input Range (Figure 5)
–10
0
–10
0
–10
0
V
Differential Impedance
2 M
Ω 10 pF
2 M
Ω 10 pF
2 M
Ω 10 pF
Common-Mode Impedance
1000 M
Ω 10 pF
1000 M
Ω 10 pF
1000 M
Ω 10 pF
Input Bias Current
Noninverting Input
40
100
40
100
40
100
nA
Inverting Input
±8
20
±8
20
±8
20
nA
Input Offset Voltage
(Trimmable to Zero)
4
4
4
mV
vs. Temperature (TMIN to TMAX)
±30
±30
±30
µ V/°C
Safe Input Voltage
±V
S
±V
S
±V
S
C
COMPARATOR (F/V Conversion)
Logic “0” Level
–VS
–1
–VS
–1
–VS
+1
V
Logic “1” Level
0
+VS
0+VS
0+VS
V
Pulse Width Range
4
0.1
(0.3
× t
OS)
0.1
(0.3
× t
OS)
0.1
(0.3
× t
OS)
µs
Input Impedance
250
250
250
k
Ω
OPEN COLLECTOR OUTPUT (V/F Conversion)
Output Voltage in Logic “0”
ISINK
≤ 8 mA, T
MIN to TMAX
0.4
0.4
0.4
V
Output Leakage Current in Logic “1”
100
100
100
nA
Voltage Range
5
0
+36
0
+36
0
+36
V
AMPLIFIER OUTPUT (F/V Conversion)
Voltage Range (1500
Ω min Load Resistance)
0
+10
0
+10
0
+10
V
Source Current (750
Ω max Load Resistance)
10
10
10
mA
Capacitive Load (Without Oscillation)
100
100
100
pF
POWER SUPPLY
Voltage, Rated Performance
±9
18
±9
18
±9
18
V
Quiescent Current
88
8
mA
TEMPERATURE RANGE
Rated Performance – N Package
0
+70
0
+70
°C
Rated Performance –
D Package
–25
+85
–25
+85
–55
+125
°C
NOTES
1Nonlinearity is defined as deviation from a straight line from zero to full scale, expressed as a fraction of full scale.
2Full-scale calibration error adjustable to zero.
3Measured at full-scale output frequency of 100 kHz.
4Refer to F/V conversion section of the text.
5Referred to digital ground.
Specifications subject to change without notice.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those test are used to calculate outgoing quality levels. All min and max
specifications are guaranteed, although only those shown in boldface are tested on all production units.
AD650–SPECIFICATIONS (@ +25 C, with V
S =
15 V, unless otherwise noted)
REV. C
–2–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com