Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6623PCB Datasheet(PDF) 27 Page - Analog Devices

Part # AD6623PCB
Description  4-Channel, 104 MSPS Digital Transmit Signal Processor TSP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6623PCB Datasheet(HTML) 27 Page - Analog Devices

Back Button AD6623PCB Datasheet HTML 23Page - Analog Devices AD6623PCB Datasheet HTML 24Page - Analog Devices AD6623PCB Datasheet HTML 25Page - Analog Devices AD6623PCB Datasheet HTML 26Page - Analog Devices AD6623PCB Datasheet HTML 27Page - Analog Devices AD6623PCB Datasheet HTML 28Page - Analog Devices AD6623PCB Datasheet HTML 29Page - Analog Devices AD6623PCB Datasheet HTML 30Page - Analog Devices AD6623PCB Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
REV. 0
AD6623
–27–
Sync bits are set low (External Address 5). All appropriate
control and memory registers (filter) are then loaded. The
Start Update Hold-Off Counter (0xn00) should be set to 0.
2. Set the appropriate program and sleep bits low (Ext Address 4).
This enables the channel. The channel must have Program
and Sleep Mode low to activate a channel.
32
NCO SHADOW
REGISTER
Q
D
Q
D
NCO
REGISTER
NCO PHASE
ACCUMULATOR
32
32
ENA
16
Q
D
Q
D
D
PL
D
Q
CLR
SET
SLEEP
HOP
HOLDOFF
HOP
SYNC
START
HOLDOFF
HOLDOFF
COUNTER
START
COUNTER
RESET PIN
CLK
START
SYNC
16
16
16
CLR
C = 1
C = 0
ENA
C = 1
C = 0
PL
ENA
Figure 34. NCO Shadow Register and Hold-Off Counter
Start with Soft Sync
The AD6623 includes the ability to synchronize channels or chips
under microprocessor control. One action to synchronize is the
start of channels or chips. The Start Update Hold-Off Counter
(0xn00) in conjunction with the Start bit and Sync bit (Ext
Address 5) allow this synchronization. Basically the Start Update
Hold-Off Counter delays the Start of a channel(s) by its value
(number of AD6623 CLKs). The following method is used to syn-
chronize the start of multiple channels via microprocessor control.
1. Set the appropriate channels to sleep mode (a hard reset to the
AD6623 Reset pin brings all four channels up in sleep mode).
2. Write the Start Update Hold-Off Counter(s) (0xn00) to the
appropriate value (greater than 1 and less than 2
16–1). If the
chip(s) is not initialized, all other registers should be loaded
at this step.
3. Write the Start bit and the SyncX(s) bit high (Ext Address 5).
4. This starts the Start Update Hold-Off Counter counting down.
The counter is clocked with the AD6623 CLK signal. When it
reaches a count of one the sleep bit of the appropriate channel(s)
is set low to activate the channel(s).
Start with Pin Sync
A Sync pin is provided on the AD6623 to provide the most
accurate synchronization, especially between multiple AD6623s.
Synchronization of start with an external signal is accomplished
with the following method.
1. Set the appropriate channels to sleep mode (a hard reset to the
AD6623 Reset pin brings all four channels up in sleep mode).
2. Write the Start Update Hold-Off Counter(s) (0xn00) to the
appropriate value (greater than 1 and less than 2
16–1). If the
chip(s) is not initialized, all other registers should be loaded
at this step.
3. Set the Start on Pin Sync bit and the appropriate Sync Pin
Enable high (0xn01).
4. When the Sync pin is sampled high by the AD6623 CLK this
enables the count down of the Start Update Hold-Off Counter.
The counter is clocked with the AD6623 CLK signal. When it
reaches a count of one the sleep bit of the appropriate channel(s)
is set low to activate the channel(s).
Hop
A jump from one NCO frequency to a new NCO frequency. This
change in frequency can be synchronized via microprocessor
control or an external Sync signal as described below.
To set the NCO frequency without synchronization the following
method should be used.
Set Frequency No Hop
1. Set the NCO Frequency Hold-Off counter to 0.
2. Load the appropriate NCO frequency. The new frequency
will be immediately loaded to the NCO.
Hop with Soft Sync
The AD6623 includes the ability to synchronize a change in NCO
frequency of multiple channels or chips under microprocessor
control. The NCO Frequency Hold-Off counter (0xn03) in con-
junction with the Hop bit and the Sync bit (Ext Address 5) allow
this synchronization. Basically the NCO Frequency Hold-Off
counter delays the new frequency from being loaded into the NCO
by its value (number of AD6623 CLKs). The following method
is used to synchronize a hop in frequency of multiple channels
via microprocessor control.
1. Write the NCO Frequency Hold-Off (0xn03) counter to the
appropriate value (greater than 1 and less then 2
16–1).
2. Write the NCO Frequency register(s) to the new desired
frequency.
3. Write the hop bit and the Sync(s) bit high (Ext Address 5).
4. This starts the NCO Frequency Hold-Off counter counting
down. The counter is clocked with the AD6623 CLK signal.
When it reaches a count of one the new frequency is loaded
into the NCO.
Hop with Pin Sync
A Sync pin is provided on the AD6623 to provide the most
accurate synchronization, especially between multiple AD6623s.
Synchronization of hopping to a new NCO frequency with an
external signal is accomplished with the following method.
1. Write the NCO Frequency Hold-Off counter(s) (0xn03) to
the appropriate value (greater than 1 and less than 2
16–1).
2. Write the NCO Frequency register(s) to the new desired
frequency.
3. Set the Hop on Pin Sync bit and the appropriate Sync Pin
Enable high (0xn01).
4. When the Sync pin is sampled high by the AD6623 CLK
this enables the count down of the NCO Frequency Hold-Off
counter. The counter is clocked with the AD6623 CLK signal.
When it reaches a count of one the new frequency is loaded into
the NCO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com