Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPI13 Datasheet(PDF) 2 Page - EPCOS

Part # HPI13
Description  High-Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

HPI13 Datasheet(HTML) 2 Page - EPCOS

  HPI13_13 Datasheet HTML 1Page - EPCOS HPI13_13 Datasheet HTML 2Page - EPCOS HPI13_13 Datasheet HTML 3Page - EPCOS HPI13_13 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
High-Power Inductors HPI13
L (inductance) ±10%
μH
0.5
0.95
1.1
1.4
Isat, typ
A
30252022
DCRmax ±15%
m
V
0.78
1.12
1.72
1.5
Height hmax
mm
4.95
5.95
4.95
5.95
Ordering code
B82559
A0501A013
A0951A013
A0112A013
A0142A013
L (inductance) ±10%
μH
2.15
2.4
3.0
3.9
Isat, typ
A
15
16.5
13
12
DCRmax ±15%
m
V
3.2
2.76
4.0
4.8
Height hmax
mm
4.95
5.95
4.95
5.95
Ordering code
B82559
A0222A013
A0242A013
A0302A013
A0392A013
n
All values measured at 25 °C ambient temperature
n
Isat, typ is current that will result in 20% reduction
of nominal inductance
n
Temperature response needs to be verified in
specific applications; test results on request
n
Operating temperature: –40 to +130 °C
n
Flat wire winding: extremely low-resistance coil
n
Self-leaded construction features under body
termination for smallest possible footprint
n
Special values and sizes on request
n
Blister tape packaging:
Height of component
Reel
h = 4.65 mm
750 pcs.
h = 5.65 mm
550 pcs.
Mechanical dimensions and suggested pad layout
(reference only)
FIN0254-V
11 max.
h
FIN0255-D
10.4
Further product information: www.epcos.com
The Important Notes and the product-specific Warnings and
Cautions must be observed (www.epcos.com/importantnotes).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com