Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD650SD Datasheet(PDF) 3 Page - Analog Devices

Part # AD650SD
Description  Voltage-to-Frequency and Frequency-to-Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD650SD Datasheet(HTML) 3 Page - Analog Devices

  AD650SD Datasheet HTML 1Page - Analog Devices AD650SD Datasheet HTML 2Page - Analog Devices AD650SD Datasheet HTML 3Page - Analog Devices AD650SD Datasheet HTML 4Page - Analog Devices AD650SD Datasheet HTML 5Page - Analog Devices AD650SD Datasheet HTML 6Page - Analog Devices AD650SD Datasheet HTML 7Page - Analog Devices AD650SD Datasheet HTML 8Page - Analog Devices AD650SD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD650
REV. C
–3–
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36 V
Storage Temperature . . . . . . . . . . . . . . . . . . . –55
°C to +150°C
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . .
±10 V
Maximum Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . .
±VS
Open Collector Output Voltage Above Digital GND . . . . . 36 V
Open Collector Output Current . . . . . . . . . . . . . . . . . . 50 mA
Amplifier Short Circuit to Ground . . . . . . . . . . . . . . Indefinite
Comparator Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . .
±V
S
PIN CONFIGURATION
PIN
NO.
D-14
N-14
P-20A
1VOUT
VOUT
NC
2
+IN
+IN
VOUT
3
–IN
–IN
+IN
4
BIPOLAR OFFSET
BIPOLAR OFFSET
–IN
CURRENT
CURRENT
5–VS
–VS
NC
6
ONE SHOT
ONE SHOT
BIPOLAR OFFSET
CAPACITOR
CAPACITOR
CURRENT
7NC
NC
NC
8FOUTPUT
FOUTPUT
–VS
9
COMPARATOR
COMPARATOR
ONE SHOT
INPUT
INPUT
CAPACITOR
10
DIGITAL GND
DIGITAL GND
NC
11
ANALOG GND
ANALOG GND
NC
12
+VS
+VS
FOUTPUT
13
OFFSET NULL
OFFSET NULL
COMPARATOR
INPUT
14
OFFSET NULL
OFFSET NULL
DIGITAL GND
15
NC
16
ANALOG GND
17
NC
18
+VS
19
OFFSET NULL
20
OFFSET NULL
ORDERING GUIDE
Gain
Tempco
Specified
ppm/ C
1 MHz
Temperature
Package
Package
Model
100 kHz
Linearity
Range C
Description
Option
AD650JN
150 typ
0.1% typ
0 to +70
Plastic DIP
N-14
AD650KN
150 typ
0.1% max
0 to +70
Plastic DIP
N-14
AD650JP
150 typ
0.1% typ
0 to +70
Plastic Leaded Chip Carrier (PLCC)
P-20A
AD650AD
150 max
0.1% typ
–25 to +85
Ceramic DIP
D-14
AD650BD
150 max
0.1% max
–25 to +85
Ceramic DIP
D-14
AD650SD
150 max
0.1% max
–55 to +125
Ceramic DIP
D-14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com