Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8200AMMREP Datasheet(PDF) 13 Page - Intersil Corporation

Part # ISL8200AMMREP
Description  Complete Current Share 10A DC/DC Power Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8200AMMREP Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ISL8200AMMREP Datasheet HTML 9Page - Intersil Corporation ISL8200AMMREP Datasheet HTML 10Page - Intersil Corporation ISL8200AMMREP Datasheet HTML 11Page - Intersil Corporation ISL8200AMMREP Datasheet HTML 12Page - Intersil Corporation ISL8200AMMREP Datasheet HTML 13Page - Intersil Corporation ISL8200AMMREP Datasheet HTML 14Page - Intersil Corporation ISL8200AMMREP Datasheet HTML 15Page - Intersil Corporation ISL8200AMMREP Datasheet HTML 16Page - Intersil Corporation ISL8200AMMREP Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ISL8200AMM
13
FN8287.1
November 27, 2012
Applications Information
Programming the Output Voltage (RSET)
The ISL8200AMMREP has an internal 0.6V ± 0.7% reference
voltage. Programming the output voltage requires a dividing
resistor (RSET) between the VOUT_SET pin and the VOUT
regulation point. The output voltage can be calculated as shown
in Equation 1:
Note: ISL8200AMMREP has integrated 2.2kΩ resistances into
the module dividing resistor for the bottom side (ROS). The
resistances for different output voltages in single phase
operation are listed in Table 1. For a parallel setup, please refer
to the current sharing application note (Coming Soon).
The output voltage accuracy can be improved by maintaining the
impedance at VOUTSET (internal VSEN1+) at or below 1kΩ
effective impedance. Note: the impedance between VSEN1+ and
VSEN1- is about 500kΩ.
The module has a minimum input voltage at a given output
voltage, which needs to be a minimum of 1.43 times the output
voltage if operating at FSW = 700kHz switching frequency. This is
due to the Minimum PWM OFF Time (tMIN-OFF).
The equation to determine the minimum PVIN to support the
required VOUT is given by Equations 2 and 3; it is recommended
to add 0.5V to the result to account for temperature variations.
tSW = switching period = 1/FSW
for the 700kHz switching frequency = 1428ns
For 3.3V input voltage operation, the VIN voltage is
recommended to be 5V for sufficient gate drive voltage. This can
be accomplished by using a voltage greater than or equal to 5V
on VIN, or directly connecting the 5V source to both VIN and PVCC.
VIN is the input to the internal LDO that powers the control
circuitry while PVCC is the output of the aforementioned LDO.
PVIN is the power input to the power stage. Figure 21 shows a
scenario where the power stage is running at 3.3V and the
control circuitry is running at 5.0V; keep in mind that the PVCC
pin is also at 5.0V to ensure that the LDO is not functioning.
Figure 22 shows a setup where both the control circuitry and the
power stage is at a 5.0V rail. It is imperative to not cross 5.5V in
this setup as that is the voltage limit on the PVCC pin. Figure 23
is a more general setup and can accommodate VIN ranges up to
20V; PVCC is not tied to VIN and hence the control circuitry is
powered by the internal LDO.
The circuit shown in Figure 24 ensures proper startup by injecting
current into the ISHARE line until all phases are ready to start
regulating.
TABLE 1. VOUT - RSET
VOUT
0.6V
0.8V
1.0V
1.2V
RSET
0Ω
732Ω
1.47kΩ
2.2kΩ
VOUT
1.5V
1.8V
2.0V
2.5V
RSET
3.32kΩ
4.42kΩ
5.11kΩ
6.98kΩ
VOUT
3.3V
5.0V
6.0V
RSET
10kΩ
16.2kΩ
20kΩ
VOUT
0.6
1
RSET
ROS
-------------
+
⎝⎠
⎜⎟
⎛⎞
×
=
(EQ. 1)
PVIN_MIN
VOUT tSW
×
tSW tMIN_OFF
–
---------------------------------------
=
(EQ. 2)
PVIN_MIN
1.43 VOUT
×
=
(EQ. 3)
FIGURE 21. 3.3V OPERATION
VIN = 5.0V
VOUT
RSET
5k
EN
VOUT_SET
VSEN_REM-
PVIN
ISL8200AMMREP
POWER MODULE
VIN
VOUT
ISHARE
PGND1
FF
VEN
PVCC = 5.0V
10µF
PVIN = 3.3V
VIN = 5.0V
VOUT
RSET
10µF
5k
EN
VOUT_SET
VSEN_REM-
PVIN
ISL8200AMMREP
POWER MODULE
VIN
VOUT
ISHARE
PGND1
FF
VEN
PVCC = VIN
DO NOT CROSS 5.5V
FIGURE 22. 5.0V OPERATION
VIN = 5V-20V
VOUT
RSET
10µF
5k
EN
VOUT_SET
VSEN_REM-
PVIN
ISL8200AMMREP
POWER MODULE
VIN
VOUT
ISHARE
PGND1
FF
VEN
FIGURE 23. 5V TO 20V OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com