Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6623BC/PCB Datasheet(PDF) 32 Page - Analog Devices

Part # AD6623BC/PCB
Description  4-Channel, 104 MSPS Digital Transmit Signal Processor TSP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6623BC/PCB Datasheet(HTML) 32 Page - Analog Devices

Back Button AD6623BC/PCB Datasheet HTML 28Page - Analog Devices AD6623BC/PCB Datasheet HTML 29Page - Analog Devices AD6623BC/PCB Datasheet HTML 30Page - Analog Devices AD6623BC/PCB Datasheet HTML 31Page - Analog Devices AD6623BC/PCB Datasheet HTML 32Page - Analog Devices AD6623BC/PCB Datasheet HTML 33Page - Analog Devices AD6623BC/PCB Datasheet HTML 34Page - Analog Devices AD6623BC/PCB Datasheet HTML 35Page - Analog Devices AD6623BC/PCB Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
REV. 0
AD6623
–32–
Channel Function Registers (continued)
Internal Address
Bit
AD6622 Compatible Description
AD6623 Extensions Description
15–0
Ch. A NCO Frequency Update Hold–Off Counter
3
No Change
0x104
15–0
Ch. A NCO Phase Offset
2
No Change
2
0x105
17–16
Reserved
Ch. A Phase Sync Select
3
00: Sync0 (See 0x001 Beam)
01: Sync1
10: Sync2
11: Sync3
15–0
Ch. A NCO Phase Offset Update Hold–off Counter
3
No Change
0x106
7–5
Reserved
No Change
4–0
Ch. A CIC Scale, SCIC
No Change
0x107
8–0
Reserved
Ch. A CIC2 Decimation, M2 –1
0x108
11–8
Reserved
Ch. A CCI2 Interpolation, L2 –1, extended
7–0
Ch. A C1C2 Interpolation, L2 –1
No Change
0x109
7–0
Ch. A C1C5 Interpolation, L5 –1
No Change
0x10A
15–8
Reserved
Ch. A RCF TapsB, NRCF – 1 (8 bits)
3
7
Reserved
Ch. A RCF TapsA, NRCF – 1 (new MSB)
2
6–0
Ch. A RCF TapsA, NRCF – 1 (7 bits)
1
No Change
2
0x10B
7
Reserved
Ch. A RCF Coef Offset, ORCF (new MSB)
2
6–0
Ch. A RCF Coefficient Offset, ORCF (7 bits)
1
No Change
2
0x10C
15–10
Unused
Reserved
9
Unused
Ch. A Compact FIR Input Word Length
0: 16 bits—8 I followed by 8 Q
1: 24 bits—12 I followed by 12 Q
8
Unused
Ch. A RCF PRBS Enable
7
Ch. A PRBS Length
3
Ch. A RCF PRBS Length
3
0: 15
0: 15
1: 8,388,607
1: 8,388,607
6
Ch. A RCF PRBS Enable
Ch. A RCF Mode Select (1 of 3)
2
5
Ch. A RCF Mode Select (1 of 2)
3
Ch. A RCF Mode Select (2 of 3)
2
4
Ch. A RCF Mode Select (2 of 2)
3
Ch. A RCF Mode Select (3 of 3)
2
00: FIR
000: FIR
01: FIR
001:
/4–DQPSK
10: QPSK
010: GMSK
11: MSK
011: MSK
100: FIR, Compact Input Resolution
101: 8–PSK
110: 3
π/8–8PSK
111: QPSK
3–0
Ch. A RCF (Taps per Phase
3) –1
No Change
2
0x10D
7–6
Ch. A RCF Coarse Scale (a)
No Change
2
00: 0 dB
01: –6 dB
10: –12 dB
11: –18 dB
5
Ch. A RCF Phase EQ Enable
No Change
4–0
Ch. A Serial Clock Divisor (2, 4, …64)
Ch. A Serial Clock Divisor (1, 2,…32)
0x10E
15
Ch. A Fine Scale Factor Enable
Ch. A Unsigned Scale Factor
2
This is extended to allow values in the
range (0–2).
14–2
Ch. A RCF Unsigned Scale Factor
2
No Change
2
1–0
Reserved
Reserved
0x10F
17–16
Unused
Ch. A Time Slot Sync Select
00: Sync0 (See 0x001 Time Slot)
01: Sync1
10: Sync2
11: Sync3
15–0
Ch. A RCF Scale Hold–Off Counter
1
The counter is unchanged, but instead of
just scale update, when the counter hits
one, the following sequence is initiated:
1. Ramp Down (if Ramp is enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com