Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6630PCB Datasheet(PDF) 4 Page - Analog Devices

Part # AD6630PCB
Description  Differential, Low Noise IF Gain Block with Output Clamping
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6630PCB Datasheet(HTML) 4 Page - Analog Devices

  AD6630PCB Datasheet HTML 1Page - Analog Devices AD6630PCB Datasheet HTML 2Page - Analog Devices AD6630PCB Datasheet HTML 3Page - Analog Devices AD6630PCB Datasheet HTML 4Page - Analog Devices AD6630PCB Datasheet HTML 5Page - Analog Devices AD6630PCB Datasheet HTML 6Page - Analog Devices AD6630PCB Datasheet HTML 7Page - Analog Devices AD6630PCB Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD6630
–4–
REV. 0
PIN FUNCTION DESCRIPTION
Pin No
Pin Name
Description
1, 2
NC
No Connect
3
IP2
Input
4
IP1
Input
5
IP1
Input
6
IP2
Input
7
CLLO
Clamp Level Low Pin
8
CLHI
Clamp Level High Pin
9VCC
+VCC Supply
10
CD2
Clamp Decoupling
11
OP
Output
12
CMD
DC Feedback Decoupling
13
VEE
–VEE Supply
14
OP
Output
15
CD1
Clamp Decoupling
16
VCC
+VCC Supply
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NC
NC
IP2
IP1
IP1
IP2
CLLO
CLHI
VCC
CD1
OP
VEE
CMD
OP
CD2
VCC
AD6630
NC = NO CONNECT
INPUT FREQUENCY – MHz
24
70
23
22
21
20
100
300
19
18
17
16
Figure 2. 3rd Order Intercept (IP3) vs. Frequency
INPUT FREQUENCY – MHz
25
70
24
23
100
300
22
–40 C
+25 C
+85 C
Figure 3. Gain vs. Frequency
Typical Performance Characteristics
INPUT FREQUENCY – MHz
13
70
12
11
10
9
100
300
8
LOW CLAMP
HIGH CLAMP
Figure 4. 1 dB Compression Point (Typical)
INPUT FREQUENCY – MHz
14
70
13
12
11
10
100
300
9
LOW CLAMP
HIGH CLAMP
Figure 5. Clamp Level vs. Frequency



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com