Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6640ST Datasheet(PDF) 13 Page - Analog Devices

Part # AD6640ST
Description  12-Bit, 65 MSPS IF Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6640ST Datasheet(HTML) 13 Page - Analog Devices

Back Button AD6640ST Datasheet HTML 9Page - Analog Devices AD6640ST Datasheet HTML 10Page - Analog Devices AD6640ST Datasheet HTML 11Page - Analog Devices AD6640ST Datasheet HTML 12Page - Analog Devices AD6640ST Datasheet HTML 13Page - Analog Devices AD6640ST Datasheet HTML 14Page - Analog Devices AD6640ST Datasheet HTML 15Page - Analog Devices AD6640ST Datasheet HTML 16Page - Analog Devices AD6640ST Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD6640
REV. 0
–13–
the device. A full-scale transition can cause up to 120 mA
(12 bits
× 10 mA/bit) of current to flow through the digital
output stages. The series resistor will minimize the output
currents that can flow in the output stage. These switching
currents are confined between ground and the DVCC pin. Stan-
dard TTL gates should be avoided since they can appreciably
add to the dynamic switching currents of the AD6640.
Layout Information
The schematic of the evaluation board (Figure 36) represents a
typical implementation of the AD6640. The pinout of the
AD6640 facilitates ease of use and the implementation of high
frequency/high resolution design practices. All of the digital
outputs are on one side while the other sides contain all of the
inputs. It is highly recommended that high quality ceramic chip
capacitors be used to decouple each supply pin to ground di-
rectly at the device. Depending on the configuration used for
the encode and analog inputs, one or more capacitors are required
on those input pins. The capacitors used on the
ENCODE and
VREF pins must be a low inductance chip capacitor as referenced
previously in the data sheet.
A multilayer board is recommended to achieve best results. Care
should be taken when placing the digital output runs. Because
the digital outputs have such a high slew rate, the capacitive
loading on the digital outputs should be minimized. Circuit
traces for the digital outputs should be kept short and connect
directly to the receiving gate (broken only by the insertion of the
series resistor). Digital data lines should be kept clear of analog
and encode traces.
Evaluation Boards
The evaluation board for the AD6640 is very straightforward,
consisting of power, signal inputs and digital outputs. The
evaluation board includes the option for an onboard clock oscil-
lator for the encode.
Power to the analog supply pins is connected via banana jacks.
The analog supply powers the crystal oscillator and the AVCC
pins of the AD6640.
The DVCC power is supplied via J3, the digital interface. This
digital supply connection also powers the digital gates on the
PCB. By maintaining separate analog and digital power supplies,
degradation in SNR and SFDR is kept to a minimum. Total
power requirement is approximately 200 mA. This configuration
allows for easy evaluation of different logic families (i.e., con-
nection to a 3.3 volt logic board).
The analog input is connected via J2 and is transformer-coupled
to the AD6640 (see Driving the Analog Input). The onboard
termination resistor is 270
Ω. This resistor, in parallel with the
AD6640’s input resistance (900
Ω), provides a 50 Ω load to the
analog source driving the 1:4 transformer. If a different input
impedance is required, replace R16 by using the following
equation
R16
=
1
1
Z
1
900
where Z is desired input impedance (200
Ω for a 4:1 trans-
former with 50
Ω source).
the sides should be implemented. The addition of small value
resistors between the AD9631 and the AD6640 will prevent
oscillation due to the capacitive input of the ADC.
62
SIGNAL
SOURCE
AD9631
15
467
0.1 F
OP279
(1/2)
OP279
(1/2)
750
1000
78
350
AD6640
AIN
VREF
425
467
0.1 F
0.01 F
127
350
AD9631
15
AIN
350
Figure 35. DC-Coupled Analog Input Circuit
Power Supplies
Care should be taken when selecting a power source. Linear
supplies are strongly recommended as switching supplies tend to
have radiated components that may be “received” by the
AD6640. Each of the power supply pins should be decoupled as
closely to the package as possible using 0.1
µF chip capacitors.
The AD6640 has separate digital and analog +5 V pins. The
analog supplies are denoted AVCC and the digital supply pins
are denoted DVCC. Although analog and digital supplies may be
tied together, best performance is achieved when the supplies
are separate. This is because the fast digital output swings can
couple switching noise back into the analog supplies. Note that
AVCC must be held within 5% of 5 volts; however the DVCC
supply may be varied according to output digital logic family
(i.e., DVCC should be connected to the same supply as the digi-
tal circuitry). The AD6640 is specified for DVCC = 3.3 V as this
is a common supply for digital ASICs.
Output Loading
Care must be taken when designing the data receivers for the
AD6640. It is recommended that the digital outputs drive a
series resistor (e.g. 348 ohms) followed by a gate like the
74LCX574. To minimize capacitive loading, there should only
be one gate on each output pin. An example of this is shown in
the evaluation board schematic shown in Figure 36. The digital
outputs of the AD6640 have a constant rise time output stage.
The output slew rate is about 1 V/ns when DVCC = +5 V. A
typical CMOS gate combined with PCB trace and through hole
will have a load of approximately 10 pF. Therefore as each bit
switches, 10 mA
10 pF
× 1V
1ns

 of dynamic current per bit will flow in or out of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com