Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6640ST/PCB Datasheet(PDF) 20 Page - Analog Devices

Part # AD6640ST/PCB
Description  12-Bit, 65 MSPS IF Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6640ST/PCB Datasheet(HTML) 20 Page - Analog Devices

Back Button AD6640ST/PCB Datasheet HTML 16Page - Analog Devices AD6640ST/PCB Datasheet HTML 17Page - Analog Devices AD6640ST/PCB Datasheet HTML 18Page - Analog Devices AD6640ST/PCB Datasheet HTML 19Page - Analog Devices AD6640ST/PCB Datasheet HTML 20Page - Analog Devices AD6640ST/PCB Datasheet HTML 21Page - Analog Devices AD6640ST/PCB Datasheet HTML 22Page - Analog Devices AD6640ST/PCB Datasheet HTML 23Page - Analog Devices AD6640ST/PCB Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD6640
–20–
REV. 0
faster the signal is digitized, the wider the distribution of noise.
Since the integrated noise must remain constant, the actual
noise floor is lowered by 3 dB each time the sample rate is
doubled. The effective noise density for an ADC may be calcu-
lated by the equation:
V
NOISE rms /
Hz
=
10
SNR /20
4 FS
For a typical SNR of 68 dB and a sample rate of 65 MSPS, this
is equivalent to 25 nV/
√Hz. This equation shows the relation-
ship between SNR of the converter and the sample rate FS.
This equation may be used for computational purposes to deter-
mine overall receiver noise.
The signal-to-noise ratio (SNR) for an ADC can be predicted.
When normalized to ADC codes, the following equation accu-
rately predicts the SNR based on three terms. These are jitter,
average DNL error and thermal noise. Each of these terms
contributes to the noise within the converter.
Equation 1:
SNR
= –20 log 2 πFANALOG tJ rms
()2 + 1+ε
212


2
+
VNOISE rms
212
2
1/2
FANALOG
= analog input frequency
t J rms
= rms jitter of the encode (rms sum of encode source
and internal encode circuitry)
ε
= average DNL of the ADC (typically 0.51 LSB)
VNOISE rms = V rms thermal noise referred to the analog input of
the ADC (typically 0.707 LSB)
Processing Gain
Processing gain is the improvement in signal-to-noise ratio
(SNR) gained through oversampling and digital filtering. Most
of this processing gain is accomplished using the channelizer
chips. These special purpose DSP chips not only provide chan-
nel selection and filtering but also provide a data rate reduction.
The required rate reduction is accomplished through a process
called decimation. The term decimation rate is used to indicate
the ratio of input data rate to output data rate. For example, if
the input data rate is 65 MSPS and the output data rate is
1.25 MSPS, then the decimation rate is 52.
Large processing gains may be achieved in the decimation and
filtering process. The purpose of the channelizer, beyond tun-
ing, is to provide the narrowband filtering and selectivity that
traditionally has been provided by the ceramic or crystal filters
of a narrowband receiver. This narrowband filtering is the
source of the processing gain associated with a wideband re-
ceiver and is simply the ratio of the passband to whole band
expressed in dB. For example, if a 30 kHz AMPS signal is
being digitized with an AD6640 sampling at 65 MSPS, the ratio
would be 0.015 MHz/32.5 MHz. Expressed in log form, the
processing gain is –10
× log (0.015 MHz/32.5 MHz) or 33.4 dB.
Additional filtering and noise reduction techniques can be
achieved through DSP techniques; many applications do use
additional process gains through proprietary noise reduction
algorithms.
Overcoming Static Nonlinearities with Dither
Typically, high resolution data converters use multistage
techniques to achieve high bit resolution without large com-
parator arrays that would be required if traditional “flash” ADC
techniques were employed. The multistage converter typically
provides better wafer yields meaning lower cost and much lower
power. However, since it is a multistage device, certain portions
of the circuit are used repetitively as the analog input sweeps
from one end of the converter range to the other. Although the
worst DNL error may be less than an LSB, the repetitive nature
of the transfer function can play havoc with low level dynamic
signals. Spurious signals for a full-scale input may be –80 dBc.
However at 36 dB below full scale, these repetitive DNL errors
may cause spurious-free dynamic range (SFDR) to fall below
80 dBFS as shown in Figure 20.
A common technique for randomizing and reducing the effects
of repetitive static linearity is through the use of dither. The
purpose of dither is to force the repetitive nature of static linear-
ity to appear as if it were random. Then, the average linearity
over the range of dither will dominate SFDR performance. In
the AD6640, the repetitive cycle is every 15.625 mV p-p.
To ensure adequate randomization, 5.3 mV rms is required;
this equates to a total dither power of –32.5 dBm. This will
randomize the DNL errors over the complete range of the
residue converter. Although lower levels of dither such as that
from previous analog stages will reduce some of the linearity
errors, the full effect will only be gained with this larger dither.
Increasing dither even more may be used to reduce some of the
global INL errors. However, signals much larger than the mVs
proposed here begin to reduce the usable dynamic range of the
converter.
Even with the 5.3 mV rms of noise suggested, SNR would be
limited to 36 dB if injected as broadband noise. To avoid this
problem, noise may be injected as an out-of-band signal. Typically,
this may be around dc but may just as well be at FS/2 or at
some other frequency not used by the receiver. The bandwidth
of the noise is several hundred kilohertz. By band-limiting and
controlling its location in frequency, large levels of dither may
be introduced into the receiver without seriously disrupting
receiver performance. The result can be a marked improvement
in the SFDR of the data converter.
Figure 23 shows the same converter shown earlier but with this
injection of dither (reference Figure 20).
AD600
A
A
REF
2.2k
1 F
0.1 F
39
390
16k
+15V
NC202
NOISE
DIODE
(NoiseCom)
+5V
–5V
1k
2k
OP27
OPTIONAL HIGH
POWER DRIVE
CIRCUIT
LOW CONTROL
(0–1 VOLT)
Figure 48. Noise Source (Dither Generator)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com