Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0603-101K Datasheet(PDF) 1 Page - API Delevan

Part # 0603-101K
Description  Wirewound Surface Mount Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

0603-101K Datasheet(HTML) 1 Page - API Delevan

  0603-101K Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6/ 2002
PAGE
11
www.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
Series 0603 Open Construction
Wirewound Surface Mount Inductors
Physical Parameters
Inches
Millimeters
A
0.071 Max.
1.80 Max.
B
0.045 Max.
1.14 Max.
C
0.040 Max.
1.02 Max.
D
0.030 (Ref. only)
0.76 (Ref. only)
E
0.018 (Ref. only)
0.44 (Ref. only)
F
0.040 (Ref. only)
1.03 (Ref. only)
G
0.040
1.03
H
0.025
0.64
I
0.025
0.64
Operating Temperature Range –40°C to +125°C
Standard Termination 90/10 Solder
Inductance and Q tested on HP4291A using
HP16193A test fixture
Packaging Tape & reel (8mm): 7" reel,
4000 pieces max.
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
600
600
600
600
600
600
600
600
600
400
400
400
300
300
280
250
250
200
0.040
0.045
0.080
0.063
0.080
0.063
0.120
0.160
0.170
0.110
0.110
0.110
0.110
0.130
0.130
0.086
0.130
0.170
0.110
0.170
0.190
0.130
0.220
0.150
0.220
0.250
0.250
0.280
0.280
0.310
0.340
0.490
0.540
0.580
0.610
0.650
0.950
1.400
1.600
2.100
6000
6000
6000
5800
6000
5800
5800
5800
5800
5800
4800
4800
4800
4800
4800
4000
4000
4000
3300
3100
3000
2800
2800
2800
2300
2300
2200
2000
2000
1900
1700
1700
1700
1400
1350
1300
1300
1200
1200
900
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
200
200
200
200
150
150
150
150
150
100
100
100
100
16
16
22
22
22
22
25
20
20
27
27
27
27
27
31
31
35
35
35
35
38
38
40
40
40
40
40
38
38
38
37
34
34
34
32
32
32
25
25
25
1.6
1.8
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.8
7.5
8.2
8.7
9.5
10
11
12
15
16
18
22
24
27
30
33
36
39
43
47
56
68
72
82
100
110
120
150
180
220
270
LAND PATTERN
DIMENSIONS
SEREIS 0603 CERAMIC CORE
0603-1N6K
0603-1N8K
0603-3N3K
0603-3N6K
0603-3N9K
0603-4N3K
0603-4N7K
0603-5N1K
0603-5N6K
0603-6N8K
0603-7N5K
0603-8N2K
0603-8N7K
0603-9N5K
0603-10NK
0603-11NK
0603-12NK
0603-15NK
0603-16NK
0603-18NK
0603-22NK
0603-24NK
0603-27NK
0603-30NK
0603-33NK
0603-36NK
0603-39NK
0603-43NK
0603-47NK
0603-56NK
0603-68NK
0603-72NK
0603-82NK
0603-101K
0603-111K
0603-121K
0603-151K
0603-181K
0603-221K
0603-271K
Optional Tolerances: 9.5nH & Lower J = 5%
All Other Values: J = 5% G = 2%


Similar Part No. - 0603-101K

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0603-1000-33 BEL-0603-1000-33 Datasheet
87Kb / 2P
Fast Blow Fuse Series
More results

Similar Description - 0603-101K

ManufacturerPart #DatasheetDescription
logo
API Delevan
0402-1N0K API-0402-1N0K Datasheet
24Kb / 1P
Wirewound Surface Mount Inductors
0402-2N0K API-0402-2N0K Datasheet
24Kb / 1P
Wirewound Surface Mount Inductors
0402-3N3K API-0402-3N3K Datasheet
24Kb / 1P
Wirewound Surface Mount Inductors
0402-3N6K API-0402-3N6K Datasheet
24Kb / 1P
Wirewound Surface Mount Inductors
0402-6N2K API-0402-6N2K Datasheet
24Kb / 1P
Wirewound Surface Mount Inductors
0402-7N5K API-0402-7N5K Datasheet
24Kb / 1P
Wirewound Surface Mount Inductors
logo
Vishay Siliconix
IMC-0805-01 VISHAY-IMC-0805-01_12 Datasheet
86Kb / 3P
Wirewound, Surface Mount Inductors
24-Feb-11
IMC-0603-01 VISHAY-IMC-0603-01_17 Datasheet
128Kb / 3P
Wirewound, Surface Mount Inductors
25-Feb-15
IMC-0805-01 VISHAY-IMC-0805-01_17 Datasheet
90Kb / 3P
Wirewound, Surface Mount Inductors
24-Feb-11
IMC-0603-01 VISHAY-IMC-0603-01_V01 Datasheet
111Kb / 3P
Wirewound, Surface Mount Inductors
25-Feb-15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com