Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD669SQ Datasheet(PDF) 2 Page - Analog Devices

Part # AD669SQ
Description  Monolithic 16-Bit DACPORT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD669SQ Datasheet(HTML) 2 Page - Analog Devices

  AD669SQ Datasheet HTML 1Page - Analog Devices AD669SQ Datasheet HTML 2Page - Analog Devices AD669SQ Datasheet HTML 3Page - Analog Devices AD669SQ Datasheet HTML 4Page - Analog Devices AD669SQ Datasheet HTML 5Page - Analog Devices AD669SQ Datasheet HTML 6Page - Analog Devices AD669SQ Datasheet HTML 7Page - Analog Devices AD669SQ Datasheet HTML 8Page - Analog Devices AD669SQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD669–SPECIFICATIONS
Model
AD669AN/AR
AD669AQ/SQ
AD669BN/BQ/BR
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
RESOLUTION
16
16
16
Bits
DIGITAL INPUTS (TMIN to TMAX)
VIH (Logic “1” )
2.0
5.5
*
*
*
*
Volts
VIL (Logic “0” )
0
0.8
*
*
*
*
Volts
IIH (VIH = 5.5 V)
10
**
µA
IIL (VIL = 0 V)
10
**
µA
TRANSFER FUNCTION CHARACTERISTICS
1
Integral Nonlinearity
2
*
1
LSB
TMIN to TMAX
4
*
2
LSB
Differential Nonlinearity
2
*
1
LSB
TMIN to TMAX
4
*
2
LSB
Monotonicity Over Temperature
14
14
15
Bits
Gain Error
2, 5
0.15
0.10
0.10
% of FSR
Gain Drift
2 (T
MIN to TMAX)
25
15
15
ppm/
°C
Unipolar Offset
5
5
2.5
mV
Unipolar Offset Drift (TMIN to TMAX)
533
ppm/
°C
Bipolar Zero Error
15
15
10
mV
Bipolar Zero Error Drift (TMIN to TMAX)
12
10
5
ppm/
°C
REFERENCE INPUT
Input Resistance
7
10
13
******
k
Ω
Bipolar Offset Input Resistance
7
10
13
******
k
Ω
REFERENCE OUTPUT
Voltage
9.98
10.00
10.02
******
Volts
Drift
25
15
15
ppm/
°C
External Current
3
2
4
**
**
mA
Capacitive Load
1000
*
*
pF
Short Circuit Current
25
*
*
mA
OUTPUT CHARACTERISTICS
Output Voltage Range
Unipolar Configuration
0
+10
*
*
*
*
Volts
Bipolar Configuration
–10
+10
*
*
*
*
Volts
Output Current
5
*
*
mA
Capacitive Load
1000
*
*
pF
Short Circuit Current
25
*
*
mA
POWER SUPPLIES
Voltage
VCC
4
+13.5
+16.5
*
*
*
*
Volts
VEE
4
–13.5
–16.5
*
*
*
*
Volts
VLL
+4.5
+5.5
*
*
*
*
Volts
Current (No Load)
ICC
+12
+18
**
**
mA
IEE
–12
–18
**
**
mA
ILL
@ VIH, VIL = 5, 0 V
0.3
2
**
**
mA
@ VIH, VIL = 2.4, 0.4 V
3
7.5
**
**
mA
Power Supply Sensitivity
1
3
*
*
*
*
ppm/%
Power Dissipation (Static, No Load)
365
625
*
*
mW
TEMPERATURE RANGE
Specified Performance (A, B)
–40
+85
–40
+85
–40
+85
°C
Specified Performance (S)
–55
+125
°C
NOTES
1For 16-bit resolution, 1 LSB = 0.0015% of FSR = 15 ppm of FSR. For 15-bit resolution, 1 LSB = 0.003% of FSR = 30 ppm of FSR. For 14-bit resolution
1 LSB = 0.006% of FSR = 60 ppm of FSR. FSR stands for Full-Scale Range and is 10 V for a 0 V to + 10 V span and 20 V for a –10 V to +10 V span.
2Gain error and gain drift measured using the internal reference. Gain drift is primarily reference related. See the Using the AD669 with the AD688 Reference section
for further information.
3External current is defined as the current available in addition to that supplied to REF IN and SPAN/BIPOLAR OFFSET on the AD669.
4Operation on
±12 V supplies is possible using an external reference like the AD586 and reducing the output range. Refer to the Internal/External Reference Use section.
5Measured with fixed 50
Ω resistors. Eliminating these resistors increases the gain error by 0.25% of FSR (Unipolar mode) or 0.50% of FSR (Bipolar mode). Refer to
the Analog Circuit Connections section.
*Same as AD669AN/AR specification.
Specifications subject to change without notice.
Specifications in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min and max specifica-
tions are guaranteed. Those shown in boldface are tested on all production units.
(@ TA = +25 C, VCC = +15 V, VEE = –15 V, VLL = +5 V, unless otherwise noted)
REV. A
–2–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com