Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD679 Datasheet(PDF) 5 Page - Analog Devices

Part # AD679
Description  14-Bit 128 kSPS Complete Sampling ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD679 Datasheet(HTML) 5 Page - Analog Devices

  AD679 Datasheet HTML 1Page - Analog Devices AD679 Datasheet HTML 2Page - Analog Devices AD679 Datasheet HTML 3Page - Analog Devices AD679 Datasheet HTML 4Page - Analog Devices AD679 Datasheet HTML 5Page - Analog Devices AD679 Datasheet HTML 6Page - Analog Devices AD679 Datasheet HTML 7Page - Analog Devices AD679 Datasheet HTML 8Page - Analog Devices AD679 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD679
REV. C
–5–
ABSOLUTE MAXIMUM RATINGS*
With
Respect
Specification
To
Min
Max
Units
VCC
AGND
–0.3
+18
V
VEE
AGND
–18
+0.3
V
VCC (Note 1)
VEE
–0.3
+26.4
V
VDD
DGND
0
+7
V
AGND
DGND
–1
+1
V
AIN, REFIN
AGND
VEE
VCC
V
Digital Inputs
DGND
–0.5
+7
V
Digital Outputs
DGND
–0.5
VDD + 0.3 V
Max Junction
Temperature
175
°C
CAUTION
The AD679 features input protection circuitry consisting of large “distributed” diodes and
polysilicon series resistors to dissipate both high energy discharges (Human Body Model) and fast,
low energy pulses (Charged Device Model). Per Method 3015.2 of MIL-STD-883C, the AD679 has
been classified as a Category 1 device.
Proper ESD precautions are strongly recommended to avoid functional damage or performance
degradation. Charges as high as 4000 volts readily accumulate on the human body and test equip-
ment and discharge without detection. Unused devices must be stored in conductive foam or shunts,
and the foam should be discharged to the destination socket before devices are removed. For further
information on ESD precautions, refer to Analog Devices’ ESD Prevention Manual.
WARNING!
ESD SENSITIVE DEVICE
With
Respect
Specification
To
Min
Max
Units
Operating
Temperature
J and K Grades
0
+70
°C
A and B Grades
–40
+85
°C
S and T Grades
–55
+125
°C
Storage Temperature
–65
+150
°C
Lead Temperature
(10 sec max)
+300
°C
NOTES
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
1The AD679 is not designed to operate from
±15 V supplies.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
44-Lead J-Leaded Chip Carrier (J-44)
28-Pin Ceramic DIP Package (D-28)
28-Lead Plastic DIP Package (N-28)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com