Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC10F Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HVC10F
Description  10kV 200mA HIGH VOLTAGE DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HVC10F Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HVC10F Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mark
10kV 200mA HIGH VOLTAGE DIODES
Maximum Reverse Recovery Time
Trr
at 25°C
HVC10F
Features
High speed switching
High Current
High surge resisitivity for CRT discharge
High reliability design
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
200
125
120
-40 to +125
Units
kV
mA
A peak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
is high reliability resin molded type high voltage
diode in small size package which is sealed a multilayed
mesa type silicon chip by epoxy resin.
Outline Drawings : mm
HVC10F
Cathode Mark
26 min.
26 min.
10
o 3.0
o 0.6
Cathode Mark
Lot No.
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2012
=0V,f=1MHz
--
Type
HVC10F
HVC10F
20
50
5.0
20
10
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
HVCA
TM
=VRRM
R
=VRRM
80
nS
=IF(AV)
HVC10F
RoHS corresponding products


Similar Part No. - HVC10F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HVC10 ETC1-HVC10 Datasheet
71Kb / 2P
100mA SILICON CARTRIDGE RECTIFIERS
HVC10R ETC1-HVC10R Datasheet
71Kb / 2P
100mA SILICON CARTRIDGE RECTIFIERS
More results

Similar Description - HVC10F

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL72 GETEDZ-2CL72 Datasheet
72Kb / 1P
5mA 10kV HIGH VOLTAGE DIODES
BR10F GETEDZ-BR10F Datasheet
68Kb / 1P
10kV 0.4A HIGH VOLTAGE DIODES
HVP-10 GETEDZ-HVP-10 Datasheet
127Kb / 1P
10kV 750mA HIGH VOLTAGE DIODES
HVRT100 GETEDZ-HVRT100 Datasheet
98Kb / 1P
10kV 30mA HIGH VOLTAGE DIODES
ESJA52-10A GETEDZ-ESJA52-10A Datasheet
71Kb / 1P
10kV 5mA HIGH VOLTAGE DIODES
HV600S10 GETEDZ-HV600S10 Datasheet
68Kb / 1P
600mA 10kV HIGH VOLTAGE DIODES
2CL72 GETEDZ-2CL72_16 Datasheet
72Kb / 1P
5mA 10kV HIGH VOLTAGE DIODES
HV500F10 GETEDZ-HV500F10_16 Datasheet
68Kb / 1P
500mA 10kV HIGH VOLTAGE DIODES
HVP10 GETEDZ-HVP10 Datasheet
159Kb / 1P
10kV 750mA HIGH VOLTAGE DIODES
HV10G10 GETEDZ-HV10G10 Datasheet
619Kb / 2P
10mA 10kV 100nS-- High Voltage Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com