Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD688 Datasheet(PDF) 2 Page - Analog Devices

Part # AD688
Description  High Precision -10 V Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD688 Datasheet(HTML) 2 Page - Analog Devices

  AD688 Datasheet HTML 1Page - Analog Devices AD688 Datasheet HTML 2Page - Analog Devices AD688 Datasheet HTML 3Page - Analog Devices AD688 Datasheet HTML 4Page - Analog Devices AD688 Datasheet HTML 5Page - Analog Devices AD688 Datasheet HTML 6Page - Analog Devices AD688 Datasheet HTML 7Page - Analog Devices AD688 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. A
–2–
AD688–SPECIFICATIONS
AD688AQ/SQ
AD688BQ
Min
Typ
Max
Min
Typ
Max
Units
OUTPUT VOLTAGE ERROR
+10 V, –10 V Outputs
–5
+5
–2
+2
mV
±10 V TRACKING ERROR
–3
+3
–1.5
+1.5
mV
OUTPUT VOLTAGE DRIFT
+10 V, –10 V Outputs
0
°C to +70°C (A, B)
±2
–1.5
+1.5
ppm/
°C
–40
°C to +85°C (A, B)
–3
+3
–3
+3
ppm/
°C
–55
°C to +125°C (S)
–6
+6
ppm/
°C
GAIN ADJ AND BAL ADJ
2
Trim Range
+5
+5
mV
Input Resistance
150
150
k
Ω
LINE REGULATION
TMIN to TMAX
3
–200
+200
–200
+200
µV/V
LOAD REGULATION
TMIN to TMAX
+10 V Output, 0<IOUT <10 mA
50
50
µV/mA
–10 V Output, –10<IOUT<0 mA
50
50
µV/mA
SUPPLY CURRENT
TMIN to TMAX
9
12
9
12
mA
Power Dissipation
270
360
270
360
mW
OUTPUT NOISE (ANY OUTPUT)
0.1 Hz to 10 Hz
6
6
µV p-p
Spectral Density, 100 Hz
140
140
nV
√Hz
LONG TERM STABILITY (@ +25
°C)
15
15
ppm/1000 hours
BUFFER AMPLIFIERS
Offset Voltage
100
100
µV
Offset Voltage Drift
1
1
µV/°C
Bias Current
20
20
nA
Open Loop Gain
110
110
dB
Output Current A3, A4
–10
+10
–10
+10
mA
Common Mode Rejection (A3, A4)
VCM = 1 V p-p
100
100
dB
Short-Circuit Current
50
50
mA
TEMPERATURE RANGE
Specified Performance
A, B Grades
–40
+85
–40
+85
°C
S Grade
–55
+125
°C
NOTES
1See Figure 2a for output configuration. Specifications tested using +10 V output unless otherwise indicated.
2Gain and balance adjustments guaranteed capable of trimming output voltage error and symmetry error to zero.
3Test Condition: +V
S = +18 V, –VS = –18 V; +VS = +13.5 V, VS = –13 .5 V.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min
and max specifications are guaranteed.
Specifications subject to change without notice.
(typical @ +25 C, +10 V output, VS =
15 V unless otherwise noted
1)
ABSOLUTE MAXIMUM RATINGS*
+VS to –VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36 V
Power Dissipation (+25
°C)
Q Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 600 mW
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 Seconds) . . . . . . . . . +300
°C
Package Thermal Resistance
Q (
θ
JA/θJC)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . 120/35
°C/W
Output Protection: All outputs safe if shorted to ground
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated
in the operational sections of this specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com