Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD679AD Datasheet(PDF) 4 Page - Analog Devices

Part # AD679AD
Description  14-Bit 128 kSPS Complete Sampling ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD679AD Datasheet(HTML) 4 Page - Analog Devices

  AD679AD Datasheet HTML 1Page - Analog Devices AD679AD Datasheet HTML 2Page - Analog Devices AD679AD Datasheet HTML 3Page - Analog Devices AD679AD Datasheet HTML 4Page - Analog Devices AD679AD Datasheet HTML 5Page - Analog Devices AD679AD Datasheet HTML 6Page - Analog Devices AD679AD Datasheet HTML 7Page - Analog Devices AD679AD Datasheet HTML 8Page - Analog Devices AD679AD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD679
REV. C
–4–
TIMING SPECIFICATIONS
(All device types TMIN to TMAX, VCC = +12 V
5%, VEE = –12 V
5%,
VDD = +5 V
10%)
Parameter
Symbol
Min
Max
Units
SC
Delay
tSC
50
ns
Conversion Time
tC
6.3
µs
Conversion Rate1
tCR
7.8
µs
Convert Pulse Width
tCP
0.097
3.0
µs
Aperture Delay
tAD
520
ns
Status Delay
tSD
0
400
ns
Access Time2, 3
tBA
10
100
ns
10
574
ns
Float Delay5
tFD
10
80
ns
Output Delay
tOD
0ns
Format Setup
tFS
100
ns
OE
Delay
tOE
20
ns
Read Pulse Width
tRP
195
ns
Conversion Delay
tCD
400
ns
EOCEN
Delay
tEO
50
ns
NOTES
1Includes Acquisition Time.
2Measured from the falling edge of OE/EOCEN (0.8 V) to the time at which the
data lines/EOC cross 2.0 V or 0.8 V. See Figure 4.
3C
OUT = 100 pF.
4C
OUT = 50 pF.
5Measured from the rising edge of OE/EOCEN (2.0 V) to the time at which the
output voltage changes by 0.5. See Figure 4; COUT = 10 pF.
Specifications subject to change without notice.
ORDERING GUIDE
1
Tested
Temperature
and
Package
Model
2
Package
Range
Specified
Option
3
AD679JN
28-Pin Plastic DIP
0
°C to +70°C
AC
N-28
AD679KN 28-Pin Plastic DIP
0
°C to +70°C
AC + DC
N-28
AD679JD
28-Pin Ceramic DIP
0
°C to +70°C
AC
D-28
AD679KD 28-Pin Ceramic DIP
0
°C to +70°C
AC + DC
D-28
AD679AD 28-Pin Ceramic DIP
–40
°C to +85°C
AC
D-28
AD679BD 28-Pin Ceramic DIP
–40
°C to +85°C
AC + DC
D-28
AD679SD 28-Pin Ceramic DIP
–55
°C to +125°C AC
D-28
AD679TD 28-Pin Ceramic DIP
–55
°C to +125°C AC + DC D-28
AD679AJ
44-Lead Ceramic JLCC
–40
°C to +85°C
AC
J-44
AD679BJ
44-Lead Ceramic JLCC
–40
°C to +85°C
AC + DC
J-44
AD679SJ
44-Lead Ceramic JLCC
–55
°C to +125°C AC
J-44
AD679TJ
44-Lead Ceramic JLCC
–55
°C to +125°C AC + DC J-44
NOTES
1For parallel read (14-bits) interface to 16-bit buses, see AD779.
2For details grade and package offerings screened in accordance with MIL-STD-
883, refer to the Analog Devices Miliary Products Databook or current AD679/
883B data sheet.
3N = Plastic DIP; D = Ceramic DIP; J = J-Leaded Ceramic Chip Carrier.
Figure 1. Conversion Timing
Figure 2. Output Timing
Figure 3. EOC Timing
Figure 4. Load Circuit for Bus Timing Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com