Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD677BD Datasheet(PDF) 13 Page - Analog Devices

Part # AD677BD
Description  16-Bit 100 kSPS Sampling ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD677BD Datasheet(HTML) 13 Page - Analog Devices

Back Button AD677BD Datasheet HTML 8Page - Analog Devices AD677BD Datasheet HTML 9Page - Analog Devices AD677BD Datasheet HTML 10Page - Analog Devices AD677BD Datasheet HTML 11Page - Analog Devices AD677BD Datasheet HTML 12Page - Analog Devices AD677BD Datasheet HTML 13Page - Analog Devices AD677BD Datasheet HTML 14Page - Analog Devices AD677BD Datasheet HTML 15Page - Analog Devices AD677BD Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD677
REV. A
–13–
The standard deviation of this distribution is approximately
0.5 LSBs. If less uncertainty is desired, averaging multiple con-
versions will narrow this distribution by the inverse of the square
root of the number of samples; i.e., the average of 4 conversions
would have a standard deviation of 0.25 LSBs.
DSP INTERFACE
Figure 10 illustrates the use of the Analog Devices ADSP-2101
digital signal processor with the AD677. The ADSP-2101 FO
(flag out) pin of Serial Port 1 (SPORT 1) is connected to the
SAMPLE line and is used to control acquisition of data. The
ADSP-2101 timer is used to provide precise timing of the FO
pin.
ADSP-2101
FO
AD677
SAMPLE
SERIAL
PORT 0
CLK
BUSY
SCLK0
DR0
RFS0
DT0
TFS0
SDATA
Figure 10. ADSP-2101 Interface
The SCLK pin of the ADSP-2101 SPORT0 provides the CLK
input for the AD677. The clock should be programmed to be
approximately 2 MHz to comply with AD677 specifications. To
minimize digital feedthrough, the clock should be disabled (by
setting Bit 14 in SPORT0 control register to 0) during data ac-
quisition. Since the clock floats when disabled, a pulldown resis-
tor of 12 k
Ω–15 kΩ should be connected to SCLK to ensure it
will be LOW at the falling edge of SAMPLE. To maximize the
conversion rate, the serial clock should be enabled immediately
after SAMPLE is brought LOW (hold mode).
The AD677 BUSY signal is connected to RF0 to notify
SPORT0 when a new data word is coming. SPORT0 should be
configured in normal, external, noninverting framing mode and
can be programmed to generate an interrupt after the last data
bit is received. To maximize the conversion rate, SAMPLE
should be brought HIGH immediately after the last data bit is
received.
102
9.5
86
82
2.5
90
94
98
8.5
4.5
3.5
V
REF – Volts
106
5.5
6.5
7.5
THD
S/(N+D)
10.0
Figure 11. S/(N+D) and THD vs. VREF, fS = 100 kHz (Calibra-
tion is not guaranteed below +5 VREF)
INPUT LEVEL – dB
105
10
0
40
20
–70
30
–80
70
50
60
80
90
100
–10
–20
–30
–40
–50
–60
THD
S/(N+D)
Figure 12. S/(N+D) and THD vs. Input Amplitude,
fS = 100 kHz
0
–20
–40
–60
–80
–100
–120
–140
0
51015
20
25
30
35
40
45
50
FREQUENCY – kHz
Figure 13. 4096 Point FFT at 100 kSPS, fIN = 1 kHz,
VREF = 5 V
0
–20
–40
–60
–80
–100
–120
–140
0
5
10
15
20
25
30
35
40
45
48
FREQUENCY – kHz
Figure 14. 4096 Point FFT at 100 kSPS, fIN = 1 kHz,
VREF = 10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com