Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD679SD Datasheet(PDF) 3 Page - Analog Devices

Part # AD679SD
Description  14-Bit 128 kSPS Complete Sampling ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD679SD Datasheet(HTML) 3 Page - Analog Devices

  AD679SD Datasheet HTML 1Page - Analog Devices AD679SD Datasheet HTML 2Page - Analog Devices AD679SD Datasheet HTML 3Page - Analog Devices AD679SD Datasheet HTML 4Page - Analog Devices AD679SD Datasheet HTML 5Page - Analog Devices AD679SD Datasheet HTML 6Page - Analog Devices AD679SD Datasheet HTML 7Page - Analog Devices AD679SD Datasheet HTML 8Page - Analog Devices AD679SD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DC SPECIFICATIONS
AD679J/A/S
AD679K/B/T
Parameter
Min
Typ
Max
Min
Typ
Max
Units
TEMPERATURE RANGE
J, K Grades
0
+70
0
+70
°C
A, B Grades
–40
+85
–40
+85
°C
S, T Grades
–55
+125
–55
+125
°C
ACCURACY
Resolution
14
14
Bits
Integral Nonlinearity (INL)
±2
±1
2
LSB
Differential Nonlinearity (DNL)
14
14
Bits
Unipolar Zero Error
1 (@ +25
°C)
0.08
0.05
0.07
% FSR*
Bipolar Zero Error
1 (@ +25
°C)
0.08
0.05
0.07
% FSR
Gain Error1, 2 (@ +25
°C)
0.12
0.09
0.11
% FSR
Temperature Drift
Unipolar Zero
3
J, K Grades
0.04
0.04
0.05
% FSR
A, B Grades
0.05
0.05
0.07
% FSR
S, T Grades
0.09
0.09
0.10
% FSR
Bipolar Zero3
J, K Grades
0.02
0.02
0.04
% FSR
A, B Grades
0.04
0.04
0.05
% FSR
S, T Grades
0.08
0.08
0.09
% FSR
Gain
3
J, K Grades
0.09
0.09
0.11
% FSR
A, B Grades
0.10
0.10
0.16
% FSR
S, T Grades
0.20
0.20
0.25
% FSR
Gain
4
J, K Grades
0.04
0.04
0.05
% FSR
A, B Grades
0.05
0.05
0.07
% FSR
S, T Grades
0.09
0.09
0.10
% FSR
ANALOG INPUT
Input Ranges
Unipolar Mode
0
+10
0
+10
V
Bipolar Mode
–5
+5
–5
+5
V
Input Resistance
10
10
M
Input Capacitance
10
10
pF
Input Settling Time
1.5
1.5
µs
Aperture Delay
10
10
ns
Aperture Jitter
150
150
ps
INTERNAL VOLTAGE REFERENCE
Output Voltage
5
4.98
5.02
4.98
5.02
V
External Load
Unipolar Mode
+1.5
+1.5
mA
Bipolar Mode
+0.5
+0.5
mA
POWER SUPPLIES
Power Supply Rejection
VCC = +12 V ± 5%
±6
6
LSB
VEE = –12 V ± 5%
±6
6
LSB
VDD = +5 V ± 10%
±6
6
LSB
Operating Current
ICC
18
20
18
20
mA
IEE
25
34
25
34
mA
IDD
8
12
8
12
mA
Power Consumption
560
745
560
745
m
W
NOTES
1Adjustable to zero. See Figures 5 and 6.
2Includes internal voltage reference error.
3Includes internal voltage reference drift.
4Excludes internal voltage reference drift.
5With maximum external load applied.
*% FSR = percent of full-scale range.
Specifications shown in boldface are tested on all devices at final electrical test with worst case supply voltages at TMIN, 25°C and TMAX. Results from those tests are used to
calculate outgoing quality levels. All min and max specifications are guaranteed, although only those shown in boldface are tested.
Specifications subject to change without notice.
(TMIN to TMAX, VCC = +12 V
5%, VEE = –12 V
5%, VDD = +5 V
10% unless otherwise noted)
AD679
REV. C
–3–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com